Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP232 Datasheet(PDF) 4 Page - Tontek Design Technology

Part # TTP232
Description  2 keys Touch Pad Detector IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP232 Datasheet(HTML) 4 Page - Tontek Design Technology

  TTP232 Datasheet HTML 1Page - Tontek Design Technology TTP232 Datasheet HTML 2Page - Tontek Design Technology TTP232 Datasheet HTML 3Page - Tontek Design Technology TTP232 Datasheet HTML 4Page - Tontek Design Technology TTP232 Datasheet HTML 5Page - Tontek Design Technology TTP232 Datasheet HTML 6Page - Tontek Design Technology TTP232 Datasheet HTML 7Page - Tontek Design Technology TTP232 Datasheet HTML 8Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TTP232
12/06/25
Page 4 of 8
Version:1.0
Reference Only
Function Description
Ⅰ. Sensitivity adjustment
The total loading of electrode size and capacitance of connecting line on PCB can affect the
sensitivity. So the sensitivity adjustment must according to the practical application on PCB. The
TTP232 offers some methods for adjusting the sensitivity outside
1. by the electrode size
Under other conditions are fixed. Using a larger electrode size can increase sensitivity.
Otherwise it can decrease sensitivity. But the electrode size must use in the effective scope
2. by the panel thickness
Under other conditions are fixed. Using a thinner panel can increase sensitivity. Otherwise it
can decrease sensitivity. But the panel thickness must be below the maximum value
3. by the value of Cs0~Cs1(please see the down figure)
Under other conditions are fixed. Add the capacitors Cs0~Cs1 can fine tune the sensitivity
for single key, that lets all key’s sensitivity identical. When do not use any capacitor to VSS,
the sensitivity is most sensitive. When adding the values of Cs0~Cs1 will reduce sensitivity
in the useful range(1≦Cs0~Cs1≦50pF)
DBT
SM
MOTB
TP1
Cs1
K1
K0
Cs0
TP0
TOG
TPQ0
TPQ1
AHLB
ELECTRODE
VSS
VDD
VDD
Ⅱ. Output mode(By TOG、AHLB pad option)
The TTP232 outputs(TPQ0~TPQ1)has direct mode active high or low by AHLB pad option, has
toggle mode by TOG pad option
TOG
AHLB
Pad
TPQ0 ~ TPQ1 option features
Remark
1
1
Direct mode, CMOS output active high
Default
1
0
Direct mode, CMOS output active low
0
1
Toggle mode, power on state = 0
0
0
Toggle mode, power on state = 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com