Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP232 Datasheet(PDF) 3 Page - Tontek Design Technology

Part # TTP232
Description  2 keys Touch Pad Detector IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP232 Datasheet(HTML) 3 Page - Tontek Design Technology

  TTP232 Datasheet HTML 1Page - Tontek Design Technology TTP232 Datasheet HTML 2Page - Tontek Design Technology TTP232 Datasheet HTML 3Page - Tontek Design Technology TTP232 Datasheet HTML 4Page - Tontek Design Technology TTP232 Datasheet HTML 5Page - Tontek Design Technology TTP232 Datasheet HTML 6Page - Tontek Design Technology TTP232 Datasheet HTML 7Page - Tontek Design Technology TTP232 Datasheet HTML 8Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TTP232
12/06/25
Page 3 of 8
Version:1.0
Reference Only
Electrical Characteristics
Absolute maximum ratings
DC / AC characteristics:(Test condition at room temperature = 25 ℃)
Parameter
Symbol
Conditions
Rating
Unit
Operating Temperature
TOP
─
-40~+85
℃
Storage Temperature
TSTG
─
-50~+125
℃
Supply Voltage
VDD
Ta=25
°C
VSS-0.3~VSS+5.5
V
Input Voltage
VIN
Ta=25
°C
VSS-0.3~VDD+0.3
V
Human Body Mode
ESD
─
5
KV
Note:VSS symbolizes for system ground
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
2.4
3
5.5
V
Internal Regulator Output
VREG
2.2
2.3
2.4
V
System oscillator
FFAST
VDD=3V
-
512K
-
Hz
FLOW
-
16K
-
Operating Current
IOP
Stand-by,VDD=3V
output no load
-
2.5
-
uA
Input Ports
VIL
Input Low Voltage
0
-
0.2
VDD
Input Ports
VIH
Input High Voltage
0.8
-
1.0
VDD
Output Port Sink Current
IOL
VDD=3V, VOL=0.6V
-
8
-
mA
Output Port Source Current
IOH
VDD=3V, VOH=2.4V
-
-4
-
mA
Output Response Time
TR
VDD=3V、
At touch operation
-
-
60
mS
VDD=3V、
At stand-by
-
-
220
Input Pin Pull-high Resistor
RPH
VDD=3V
(MOTB、TOG、AHLB、
SM、DBT)
-
30K
-
ohm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com