Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390LE Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PT7C43390LE
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390LE Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PT7C43390LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 13Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 14Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
10
PT7C43390/43390C
Real-time Clock Module
Year data (00 to 99): Y1, Y2, Y4, Y8, Y10, Y20, Y40, Y80
Sets the lower two digits of the Western calendar year (00 to 99) and links together with the auto calendar function until 2099.
Example: 2053 (Y1, Y2, Y4, Y8, Y10, Y20, Y40, Y80) = (1, 1, 0, 0, 1, 0, 1, 0)
Month data (01 to 12): M1, M2, M4, M8, M10
Example: December (M1, M2, M4, M8, M10, 0, 0, 0) = (0, 1, 0, 0, 1, 0, 0, 0)
Day data (01 to 31): D1, D2, D4, D8, D10, D20
The count value is automatically changed by the auto calendar function.
1 to 31: Jan., Mar., May, July, Aug., Oct., Dec., 1 to 30: April, June, Sep., Nov.
1 to 29: Feb. (leap year), 1 to 28: Feb. (non-leap year)
Example: 29 (D1, D2, D4, D8, D10, D20, 0, 0) = (1, 0, 0, 1, 0, 1, 0, 0)
Day of the week data (00 to 06): W1, W2, W4
Day of the week is counted in the order of 00, 01, 02, 03, 04, 05, 06, and 00. Set up day of the week and the count value.
Hour data (00 to 23 or 00 to 11): H1, H2, H4, H8, H10, H20, AM / PM
In 12-hour mode, write 0; AM, 1; PM in the AM / PM bit. In 24-hour mode, users can write either 0 or 1. 0 is read when the hour
data is from 00 to 11, and 1 is read when from 12 to 23.
Example (12-hour mode): 11 p.m. (H1, H2, H4, H8, H10, H20, AM / PM, 0) = (1, 0, 0, 0, 1, 0, 1, 0)
Example (24-hour mode): 22 (H1, H2, H4, H8, H10, H20, AM / PM, 0) = (0, 1, 0, 0, 0, 1, 1, 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com