Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PT7C43390LE
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PT7C43390LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Real-time Clock Module
2015-12-0001
PT0280-8
12/11/15
2
PT7C43390/43390C
Pin Configuration
1
2
3
INT1
4
PT7C43390
SOIC-8L
XIN
XOUT
GND
8
7
6
5
INT2
SCL
SDA
VDD
1
INT1
PT7C43390C
TDFN4x4-8L
NC2
NC1
GND
INT2
SCL
SDA
VDD
4
2
3
8
5
7
6
GND
P
2
P
1
INT1
4
PT7C43390
TSSOP-8L
XIN
XOUT
GND
INT2
SCL
SDA
VDD
3
2
1
5
6
7
8
INT1
PT7C43390
TDFN2x3-8L
XIN
XOUT
GND
INT2
SCL
SDA
VDD
2
1
4
3
7
8
5
6
Pin Description
Pin No.
Pin
Name
Type
Description
43390
43390C
1
1
INT1
O
Output for Interrupt Signal 1. This pin outputs a signal of interrupt, or a clock pulse. By
using the status register 2, users can select either of: alarm 1 interrupt, output of user-set
frequency, per-minute edge interrupt, minute-periodical interrupt 1, minute-periodical
interrupt 2, or 32.768 kHz output. This pin has NCH open drain output.
2
-
XOUT
O
Oscillator Circuit Output. Together with X1, 32.768kHz crystal is connected between
them. When 32.768kHz external input, X2 must be float.
-
2
NC1
-
No connected.
3
-
XIN
I
Oscillator Circuit Input. Together with X1, 32.768kHz crystal is connected between
them. Or external clock input.
-
3
NC2
-
No connected.
4
4
VSS
P
Negative power supply pin. Connects to GND.
5
5
INT2
O
Output for Interrupt Signal 2. This pin outputs a signal of interrupt, or a clock pulse. By
using the status register 2, users can select either of: alarm2 interrupt, output of user-set
frequency, or minute-periodical interrupt 1. This pin has NCH open drain output.
6
6
SCL
I
Serial clock input pin. This pin is to input a clock pulse for I
2C-bus interface. The SDA
pin inputs/outputs data by synchronizing with the clock pulse.
7
7
SDA
I/O
Serial Data Input/Output. This is a data input / output pin of I
2C-bus interface. This pin
inputs / outputs data by synchronizing with a clock pulse from the SCL pin. This pin has
CMOS input and NCH open drain output. Generally in use, pull up this pin to the VDD
potential via a resistor, and connect it to any other device having open drain or open
collector output with wired-OR connection.
8
8
VDD
P
Positive power supply pin. Connect this VDD pin with a positive power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com