Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390LE Datasheet(PDF) 16 Page - Pericom Semiconductor Corporation

Part # PT7C43390LE
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390LE Datasheet(HTML) 16 Page - Pericom Semiconductor Corporation

Back Button PT7C43390LE Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 13Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 14Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 15Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 16Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 17Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 18Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 19Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 20Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
16
PT7C43390/43390C
Real-time Clock Module
6. Low Power Supply Voltage Detection Circuit
The RTC has a low power supply voltage detection circuit, so that users can monitor drops in the power supply voltage by reading
the BLD flag (B1 in the status register 1). There is a hysteresis width of approx. 0.15 V (typ.) between detection voltage and
release voltage (refer to "Characteristics (Typical Data)"). The low power supply voltage detection circuit does the sampling
operation only once in one sec for 15.6 ms. If the power supply voltage decreases to the level of detection voltage (VDET) or less,
"1" is set to the BLD flag so that sampling operation stops. Once "1" is detected in the BLD flag, no sampling operation is
performed even if the power supply voltage increases to the level of release voltage or more, and "1" is held in the BLD flag. If the
BLD flag is "1" even after the power supply voltage is recovered, the internal circuit may be in the indefinite status. In this case,
be sure to initialize the circuit. After reading the BLD flag, the sampling operation is restarted. Without initializing, if the next
BLD flag reading is done after sampling, the BLD flag gets reset to "0". In this case, be sure to initialize although the BLD flag is
in "0" because the internal circuit may be in the indefinite status.
Timing of Low Power Supply Voltage Detection Circuit
7. Circuits Power-on and Low Power Supply Voltage Detection
Below Figure shows the changes of the POC flag and BLD flag due to VDD fluctuation.
POC Flag and BLD Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com