Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390LE Datasheet(PDF) 28 Page - Pericom Semiconductor Corporation

Part # PT7C43390LE
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390LE Datasheet(HTML) 28 Page - Pericom Semiconductor Corporation

Back Button PT7C43390LE Datasheet HTML 24Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 25Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 26Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 27Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 28Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 29Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 30Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 31Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 32Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
28
PT7C43390/43390C
Real-time Clock Module
acknowledgment signal back. For example, as seen in below Figure, in case that the PT7C43390 is the device working for
receiving data and the master device is the one working for sending data; when the 8th clock pulse falls, the master device releases
the SDA line. After that, the PT7C43390 sends an acknowledgment signal back, and set the SDA line to "L" at the 9th clock pulse.
The PT7C43390 does not output an acknowledgment signal is that the access is not being done regularly.
Output Timing of Acknowledgment Signal
 Data reading in the PT7C43390
After detecting a start condition, the PT7C43390 receives device code and command. The PT7C43390 enters the read-data mode
by the read / write bit "1". The data is output from B7 in 1-byte. Input an acknowledgment signal from the master device every
moment that the PT7C43390 outputs 1-byte data. However, do not input an acknowledgment signal (input NO_ACK) for the last
data-byte output from the master device. This procedure notifies the completion of reading. Next, input a stop condition to the
PT7C43390 to finish access.
Example of Data Reading 1 (1-Byte Data Register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com