Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390LE Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PT7C43390LE
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390LE Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PT7C43390LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 13Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 14Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
11
PT7C43390/43390C
Real-time Clock Module
Minute data (00 to 59): m1, m2, m4, m8, m10, m20, m40
Example: 32 minutes (m1, m2, m4, m8, m10, m20, m40, 0) = (0, 1, 0, 0, 1, 1, 0, 0)
Example: 55 minutes (m1, m2, m4, m8, m10, m20, m40, 0) = (1, 0, 1, 0, 1, 0, 1, 0)
Second data (00 to 59): s1, s2, s4, s8, s10, s20, s40
Example: 19 seconds (s1, s2, s4, s8, s10, s20, s40, 0) = (1, 0, 0, 1, 1, 0, 0, 0)
3.2. Status Register 1
Status register 1 is a 1-byte register that is used to display and set various modes. The bit configuration is shown below.
B1: BLD
This flag is set to "1" when the power supply voltage decreases to the level of detection voltage (VDET) or less. Users can detect a
drop in the power supply voltage. This flag is set to "1" once, is not set to "0" again even if the power supply increases to the level
of detection voltage (VDET) or more. This flag is read-only. When this flag is "1", be sure to initialize. Regarding the operation of
the power supply voltage detection circuit, refer to "Low Power Supply Voltage Detection Circuit".
B2: INT2, B3: INT1
This flag indicates the time set by alarm and when the time has reached it. This flag is set to "1" when the time that users set by
using the alarm interrupt function has come. The INT1 flag at alarm 1 interrupt mode and the INT2 flag at alarm 2 interrupt mode
are set to "1". Set "0" in INT1AE (B5 in the status register 2) or in INT2AE (B1 in the status register 2) after reading "1" in the
INT1 flag or in the INT2 flag. This flag is read-only. This flag is read once, is set to "0" automatically.
B4: SC1, B5: SC0
These flags are SRAM type registers, they are 2 bits as a whole, can be freely set by users.
B6: 12 / 24
This flag is used to set 12-hour or 24-hour mode. Set the flag ahead of write operation of the real-time data register in case of 24-
hour mode.
0: 12-hour mode
1: 24-hour mode
B7: RESET
The internal IC is initialized by setting this bit to "1". This bit is write-only. It is always "0" when reading. When applying the
power supply voltage to the IC, be sure to write "1" to this bit to initialize the circuit. Regarding each status of data after
initialization, refer to "Register Status after Initialization".
3.3. Status Register 2
Status register 2 is a 1-byte register that is used to display and set various modes. The bit configuration is shown below.
INT1FE
INT1ME
INT1AE
32kE
INT2FE
INT2ME
INT2AE
TEST
B7
B6
B5
B4
B3
B2
B1
B0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Read/Write
B0: TEST
This is a test flag. Be sure to set this flag to "0" in use. If this flag is set to "1", be sure to initialize to set "0".
B1: INT2AE, B2: INT2ME, B3: INT2FE
These bits are used to select the output mode for the INT2 pin. Below Table shows how to select the mode. To use an alarm 2
interrupt, set alarm interrupt mode, then access the INT2 register.
Table: Output Modes for INT2 Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com