Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390LE Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PT7C43390LE
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390LE Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PT7C43390LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 13Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 14Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 15Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 16Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 17Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
13
PT7C43390/43390C
Real-time Clock Module
(1) 12-hour mode (status register 1 B6 = 0)
Set up 7:00 PM
Data written to INT register 1
_(*1)
0
1
1
1
0
0
0
1
1
0
0
0
0
0
0
0
1
B7
B0
Day of the Week
Hour
Minute
_(*1)
_(*1)
_(*1)
_(*1)
_(*1)
_(*1)
*1. Don't care (both of 0 and 1 are acceptable).
(2) 24-hour mode (status register 1 B6 = 1)
Set up 19:00 PM
Data written to INT register 1
0
1
0
0
1
1
0
1(*2)
1
0
0
0
0
0
0
0
1
B7
B0
Day of the Week
Hour
Minute
_(*1)
_(*1)
_(*1)
_(*1)
_(*1)
_(*1)
_(*1)
*1. Don't care (both of 0 and 1 are acceptable).
*2. Set up AM / PM flag along with the time setting.
b. INT Register 1 and INT Register 2
 Output of user-set frequency
The INT1 and INT2 registers are 1-byte data registers to set up the output frequency. Setting each bit B7 to B3 in the register to
"1", the frequency which corresponds to the bit is output in the AND-form. SC2 to SC4 in the INT1 register, and SC5 to SC7 in
the INT2 register are 3-bit SRAM type registers that can be freely set by users.
1Hz
2Hz
4Hz
8Hz
16Hz
SC2
SC3
SC4
B7
B6
B5
B4
B3
B2
B1
B0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Read/Write
INT Register 1 (Data Register for Output Frequency)
1Hz
2Hz
4Hz
8Hz
16Hz
SC5
SC6
SC7
B7
B6
B5
B4
B3
B2
B1
B0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Read/Write
INT Register 2 (Data Register for Output Frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com