Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08035 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # M08035
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08035 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button M08035 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Pinout Diagram, Pin Description, and Package Drawing
M08035, M08045 Data Sheet V1
MACOM
™
11
080x5-DSH-001
Table 3-1.
M08035/M08045 Pin Description (1 of 2)
Pin Name
Pin Number(s)
Type
Description
AVDDCORE
5, 14, 16, 20, 26
Power
Analog positive supply
AVDDI
8, 11, 17, 21, 23
Power
Analog positive supply
AVDDO
35
Power
Analog positive supply
DVDDCORE
31, 40
Power
Digital Core Positive Supply
DVDDIO
39
Power
Digital Core Positive Supply
AVSS
Center Ground Pad
Power
Ground
SDI0P, SDI0N
6, 7
PCML Input
Data Input Lane0; true/complement
SDI1P, SDI1N
12, 13
PCML Input
Data Input Lane1; true/complement
SDI2P, SDI2N
18, 19
PCML Input
Data Input Lane2; true/complement
SDI3P, SDI3N
24, 25
PCML Input
Data Input Lane3; true/complement
SDOAP, SDOAN
37, 36
PCML Output
Data Output Lane A; true/complement
SDOBP/SCLKP,
SDOBN/SCLKN
34, 33
PCML Output
Data Output Lane B; true/complement
XTALP
29
Reference Clock
27 MHz reference XTAL connection
XTALN/REFCLK
30
Reference Clock
27 MHz reference XTAL connection or 27 MHz reference clock input
MODE_SEL
9
CMOS Input
Sets the device control/configuration mode:
L = Device is in register access mode with two-wire serial control (SIC2)
F = Device is in hardware control mode (Hardware Mode)
H = Device is in register access mode with four-wire serial control (SIC4)
SDOB/SCLK_EN
27
CMOS Input
SDOB/SCLK output enable:
L = SDOB/SCLK output disabled
F = Serial data output enabled
H = Serial clock output enabled
xREG_EN
15
CMOS Input
Regulator enable control, as in Figure 3-6, but pull up resistor is to AVDDI.
L = Integrated regulators enabled
F = Integrated regulators disabled
SD/xHD
38
CMOS Output
CMOS SD/xHD rate indicator:
L = HD/3G Data rate
H = SD Rate
xALARM
32
Output
(Open Drain)
Alarm indicator for all channels (Logical OR of all individual channel alarms).
Termination - Open
L = Alarm asserted
H = Normal operation
Serial Control Mode (two-wire/four-wire):
xALARM in interrupt mode
Hardware Mode:
Not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com