Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08035 Datasheet(PDF) 31 Page - M/A-COM Technology Solutions, Inc.

Part # M08035
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08035 Datasheet(HTML) 31 Page - M/A-COM Technology Solutions, Inc.

Back Button M08035 Datasheet HTML 27Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 28Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 29Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 30Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 31Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 32Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 33Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 34Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 35Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
Functional Description
M08035, M08045 Data Sheet V1
MACOM
™
31
080x5-DSH-001
4.6.4
MIC Mode Operation
In this mode, the reclocker is initialized with an EEPROM. To use this mode, the EEPROM must be programmed
with the register data required. The I2C address of the memory can be 50h, 51h, 52h or 53h; the reclocker loads its
register contents from this address.
This mode is enabled when the I2C mode is set and address 20h has been hardwired on the address pins. When
the reclocker locates the memory at one of the above addresses, it sets itself into I2C quasi-master mode. It will
then load its registers from the EEPROM. Addresses 00h to 19h should be used when only one reclocker is used.
Register 0Fh contains the number of slave reclockers; if there are none this is set to 0.
Once the master has finished the task of downloading the registers, it will revert to slave mode at address 20h and
can be accessed for debugging purposes.
Note that when using MIC power mode supply, ramp time is important. The EEPROM should be powered from the
same supply as DVDDIO and the ramp up of the supply should be < 100 ms. If the ramp time is not met, the
reclocker I2C will time-out before the EEPROM is ready to receive serial data.
The target EEPROM is the AT24C01 or equivalent.
If there is more than one reclocker to be programmed, a checksum is used to confirm that the data is correct. This
works as follows:
1.
The slave reclocker sums all registers from 00h to 1Ah, then truncates this to leave the 8 LSB bits. This is then
compared with the value 2Eh. If it is not equal, then the registers are not loaded and it returns to the default
value. It will then try up to 512 times before timing out. When the checksum is equal to 2Eh, the registers are
loaded with the EEPROM settings.
2.
To make the checksum = 2Eh, register 1Ah must be programmed with the 8 LSBs from the following
calculation:
Register 1Ah = 2Eh - (sum of registers 00h to 19h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com