Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08035 Datasheet(PDF) 22 Page - M/A-COM Technology Solutions, Inc.

Part # M08035
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08035 Datasheet(HTML) 22 Page - M/A-COM Technology Solutions, Inc.

Back Button M08035 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 23Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 24Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 25Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 26Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Functional Description
M08035, M08045 Data Sheet V1
MACOM
™
22
080x5-DSH-001
A Loss of Signal (LOS) detector monitors each input and issues an alarm when the input signal level dips below the
detection threshold set in register 06h. See Section 4.3 for more information on the LOS circuit.
In order to correct any duty cycle distortion (DCD) in the input signal, or any DC offset buildup in the internal signal
path, a DC correction loop has been added. Programming register 0Dh bit 1 to a '1' will disable the DC correction
loop for all inputs.
The M08035/M08045 include a 4:1 multiplexer. This allows any one of the four input signals to be routed to the
reclocker. By default SDI0 is selected to be routed to SDO0. The selected input can be set using MUX control
register 07h.
By default, only the selected input is powered up, with all other inputs powered down. When an input is powered
down, its associated LOS circuitry is disabled. If required, all the other inputs can also be powered up by setting
bit[3] in register 0Dh. This will allow a faster response if rapid input switching is required as there is no delay waiting
for the circuitry to power-up and adjust to the input signal, but has the disadvantage of consuming more power.
With all inputs enabled, the power consumption increases by 100 mW.
4.3
LOS (Loss of Signal)
The M08035/M08045 have integrated LOS circuits on each of their four high-speed inputs. This circuit monitors the
input amplitude and if it falls below the detection threshold it asserts the LOS alarm bit by setting this to a logic
high. These alarm bits are latched and will need to be reset with the CLR_ALARMS, register 85h, by setting bit 0 to
a high and back to a low. Hysteresis is built into the LOS circuit to avoid chattering. The LOS threshold can be set
to a different level by using the bits[7:5] in register 06h, this changes the level on all four inputs.
By default, the LOS alarm mutes the signal from that particular input. Setting register 06h bit[3] to a high will disable
this feature.
Figure 4-3.
Self Biasing the Input of M08035/M08045
Upstream
Device
M08035 /M08045
AVDDI do not supply
a voltage
2.5V– 3.3V
AVDDO
50
Ω
50
Ω
DC coupled only,
Do not use internal
voltage regulator
0.1 µF per
AVDDI pin
NOTE:
1.
For self bias applications, no voltage must be applied to the AVDDI pin. Every AVDDI pin should be decoupled to GND with a 0.1 µF
capacitor as shown in Figure 4-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com