Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08035 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # M08035
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08035 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M08035 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
Electrical Characteristics
M08035, M08045 Data Sheet V1
MACOM
™
4
080x5-DSH-001
Table 1-2.
Recommended Operating Conditions
Symbol
Parameter
Minimum
Typical
Maximum
Unit
DVDDIO
Digital I/O positive supply
1.14
1.2, 1.8, 2.5, or 3.3
3.47
V
AVDDI
Analog input positive supply
1.14
1.2, 1.8, 2.5, or 3.3
3.47
V
AVDDO
Analog output positive supply
1.14
1.2, 1.8, 2.5, or 3.3
3.47
V
AVDDCORE
Analog core positive supply
1.14
1.2
1.26
V
DVDDCORE
Digital core positive supply
1.14
1.2
1.26
V
TCASE
Case Temperature
-40
25
+85
°C
Table 1-3.
Power Consumption Specifications
Symbol
Parameter
Conditions
Note
Typical
Maximum
Unit
PTOTAL
Total power
consumption
AVDDI = AVDDO=DVDDIO=DVDDCORE = AVDDCORE=
1.2 V
SDO Swing Level 1
1, 3
230
290
mW
1, 4
250
350
PTOTAL
Total power
consumption
AVDDI = AVDDO=DVDDIO=DVDDCORE =
AVDDCORE= 1.2 V
SDO Swing Level 2
1, 3
240
300
mW
1, 4
260
360
PTOTAL
Total power
consumption
DVDDCORE = AVDDCORE= 1.2 V
AVDDI = DVDDIO = 1.2 V
AVDDO = 1.8 V
SDO Swing Level 3
1, 3
260
370
mW
1, 4
270
450
DVDDCORE = AVDDCORE= 1.2 V
AVDDI = DVDDIO = 3.3 V
AVDDO = 3.3 V
SDO Swing Level 3
2, 3
720
1070
θJA
Junction to ambient
thermal resistance
5
35
—
°C/W
θJC
Junction to case
thermal resistance
5
3
—
°C/W
NOTE:
1.
Internal regulators disabled.
2.
Internal regulators enabled.
3.
SDOB/SCLK disabled.
4.
SDOB/SCLK enabled.
5.
Airflow = 0 m/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com