Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08035 Datasheet(PDF) 35 Page - M/A-COM Technology Solutions, Inc.

Part # M08035
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08035 Datasheet(HTML) 35 Page - M/A-COM Technology Solutions, Inc.

Back Button M08035 Datasheet HTML 31Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 32Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 33Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 34Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 35Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 36Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 37Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 38Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 39Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
Functional Description
M08035, M08045 Data Sheet V1
MACOM
™
35
080x5-DSH-001
4.9.1
Reading Register Alarm Bits
The LOS and LOL alarm bits are latched when asserted. After reading they should be cleared using the CLRALRM
bit in register 88h. This bit needs to be set to '1' to reset the alarms. It should then be reset to a '0' to re-enable
normal alarm operation.
4.10
Internal Regulator
Both digital and analog cores of the M08035/M08045 are designed to run from a 1.2 V supply. If a 1.2 V supply is
not available locally, then the internal regulator can be used to create this domain from AVDDI/AVDDO and DVDDIO.
Setting the xREG_EN pin LOW, enables the internal regulator. This regulator generates a 1.2 V domain at pins
AVDD and DVDD. See Figure 4-10 through Figure 4-12 for the three different supply configurations. Note that the
decoupling capacitors should be at least 100 nF.
When the internal regulator is used, all the current for the device is taken through the AVDDI/AVDDO and DVDDIO
pins. Because of this, care should be taken to ensure that the supplies to these pins are sufficient to handle the
total current.
Figure 4-9.
xALARM-Output Interrupt Mode
LOS
LOL
xALARM
t
Interrupt occurs when LOS or LOL changes state.
xALARM pulse width is programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com