Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08035 Datasheet(PDF) 21 Page - M/A-COM Technology Solutions, Inc.

Part # M08035
Description  SD, HD, 3G Multi-rate Reclocker
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08035 Datasheet(HTML) 21 Page - M/A-COM Technology Solutions, Inc.

Back Button M08035 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 23Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 24Page - M/A-COM Technology Solutions, Inc. M08035 Datasheet HTML 25Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Functional Description
M08035, M08045 Data Sheet V1
MACOM
™
21
080x5-DSH-001
4.2
High-Speed Differential Inputs
The M08035/M08045 feature four differential inputs compatible with PCML. LVDS and LVPECL signal levels are
also accommodated. Serial data to be retimed is presented to these four inputs. Each input is terminated with a
50
Ω termination to AVDDI. AVDDI can be supplied from any voltage ranging from 1.2 V to 3.3 V.
In order to improve signal integrity when used in large systems, each input also comes equipped with
programmable input equalization (IE) for FR4 trace. There are four settings for input equalization: 0 dB (or no
equalization), 2 dB, 4 dB, and 6 dB. In serial control mode, the input equalization level for each input may be set by
programming the desired value to reg00h-reg03h. Alternatively, in hardware mode, the input equalization for all of
the inputs may be set globally through the IE_CTRL (MF2) pin. In hardware mode only the three settings of 0 dB,
4 dB, and 6 dB are available.
In most video applications, it is important to avoid AC coupled data interfaces between devices wherever possible.
In addition to reducing the number of components, DC coupling will result in more system jitter margin. In order to
accommodate DC coupling with the upstream device, the AVDDI power domain of the M08035/M08045 is
electrically independent from all other power domains, allowing it to be tied to the VDD of the upstream device. This
is demonstrated in Figure 4-2 below.
Alternatively and under certain conditions, the M08035/M08045 allow for the inputs to be self biased eliminating
the need for an electrical connection between the supply voltages of the upstream device and the M08035/
M08045. This configuration offers the benefit of keeping the supply of the previous device and the power domain(s)
of the M08035/M08045 completely isolated, while using DC coupling. AC coupling should not be used with the self
bias interface. This self biasing scheme is demonstrated in Figure 4-3 below.
When using the M08035/M08045 in self biased mode, specific conditions must be met:
1.
The self biased inputs must be DC coupled. No AC coupling is supported in self biased mode.
2.
The AVDDO of the upstream device must be 2.5 V or greater. AVDDO levels 1.2 V and 1.8 V are not supported
in this mode.
3.
The common mode of the upstream signals must be greater than 600 mV.
4.
Internal voltage regulators are disabled.
5.
All inputs are configured in self biased mode. Combination of self biased and non-self biased is not supported.
Figure 4-2.
M08035/M08045 AVDDI Connected to the VDD of the Upstream Device
Upstream Device
M08035/M08045
AV
1.2V – 3.3V
VDD
50
DDI
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com