Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601 Datasheet(PDF) 33 Page - Analog Devices

Part # ADAV4601
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADAV4601 Datasheet HTML 29Page - Analog Devices ADAV4601 Datasheet HTML 30Page - Analog Devices ADAV4601 Datasheet HTML 31Page - Analog Devices ADAV4601 Datasheet HTML 32Page - Analog Devices ADAV4601 Datasheet HTML 33Page - Analog Devices ADAV4601 Datasheet HTML 34Page - Analog Devices ADAV4601 Datasheet HTML 35Page - Analog Devices ADAV4601 Datasheet HTML 36Page - Analog Devices ADAV4601 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
ADAV4601
Rev. B | Page 33 of 60
Address 0x0102 Main and Headphone 1/AUXOUT4 Input Trim Register (Default: 0x0E0E)
Table 17.
Bit No.
Bit Name
Description
Default
Bits[15:14]
Reserved
Always write as 0 if writing to this register.
00
Bits[13:8]
Main input trim
These register bits are used to gain or attenuate the input to the main channel
processing path from −14 dB to +14 dB in +1 dB steps.
001110
0x00 = +14 dB
0x01 = +13 dB
…
0x07 = +7 dB
…
0x0E = 0 dB
…
0x15 = −7 dB
0x1B = −13 dB
0x1C = −14 dB
Bits[7:6]
Reserved
Always write as 0 if writing to this register.
00
Bits[5:0]
Headphone 1/AUXOUT4 input trim
These register bits are used to gain or attenuate the input to the Headphone 1/
AUXOUT4 channel processing path from −14 dB to +14 dB in +1 dB steps.
001110
0x00 = +14 dB
0x01 = +13 dB
…
0x07 = +7 dB
…
0x0E = 0 dB
…
0x15 = −7 dB
…
0x1B = −13 dB
0x1C = −14 dB
Address 0x0103 SDO0/AUXOUT3 and SPDIF Input Trim Register (Default: 0x0E0E)
Table 18.
Bit No.
Bit Name
Description
Default
Bits[15:14]
Reserved
Always write as 0 if writing to this register.
00
Bits[13:8]
SDO0/AUXOUT3 input trim
These register bits are used to gain or attenuate the input to the SDO0 and the
AUXOUT3 processing path from −14 dB to +14 dB in +1 dB steps.
001110
0x00 = +14 dB
0x01 = +13 dB
…
0x07 = +7 dB
…
0x0E = 0 dB
…
0x15 = −7 dB
0x1B = −13 dB
0x1C = −14 dB
Bits[7:6]
Reserved
Always write as 0 if writing to this register.
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com