Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601 Datasheet(PDF) 22 Page - Analog Devices

Part # ADAV4601
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADAV4601 Datasheet HTML 18Page - Analog Devices ADAV4601 Datasheet HTML 19Page - Analog Devices ADAV4601 Datasheet HTML 20Page - Analog Devices ADAV4601 Datasheet HTML 21Page - Analog Devices ADAV4601 Datasheet HTML 22Page - Analog Devices ADAV4601 Datasheet HTML 23Page - Analog Devices ADAV4601 Datasheet HTML 24Page - Analog Devices ADAV4601 Datasheet HTML 25Page - Analog Devices ADAV4601 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
ADAV4601
Rev. B | Page 22 of 60
DAC VOLTAGE OUTPUTS
The ADAV4601 has six DAC outputs, configured as 3-stereo
auxiliary DAC outputs. However, because the flow is customizable,
it is programmable. The output level is 1 V rms full scale. The DAC
outputs should have a 10 nF capacitor to ground for filtering out
high frequency noise. Following the filtering capacitor, a 10 μF
is required for dc blocking.
After reset, the DACs are in a power-down state. They can power
up quickly using the global power-up in the initialization control
register (0x0000). A popless and clickless power-up and power-
down are also possible.
In power critical applications, it is possible to use the Analog
Power Management 1 register (0x0005) to power up or power
down individual DACs.
AUXOUT1L
AUXOUT1R
AUXOUT3L
AUXOUT3R
AUXOUT4L
AUXOUT4R
10µF
10nF
10µF
10nF
DAC
10µF
10nF
10µF
10nF
DAC
10µF
10nF
10µF
10nF
DAC
Figure 30. DAC Output Section
PWM OUTPUTS
In the ADAV4601, the main outputs are available as four PWM
output channels, which are suitable for driving Class-D amplifiers.
After reset, the PWM channels are in a power-down state. Writing
to the miscellaneous control register (0x000A) enables the PWM
channels. To help ensure popless and clickless power-up and
power-down, there is an enable/disable pattern that is specially
constructed to bring the PWM channels from a zero condition
to a 50/50 duty-cycle square wave (effectively, a zero signal into
the PWM block). This takes 365 ms to complete and can be seen in
Figure 33.
Designed for use in conjunction with this ramp-up scheme, the
ADAV4601 features a status pin, PWM_READY, that indicates
when the PWM outputs are in a state that can cause pops/clicks,
such as power-up and power-down. During PWM power-up
and power-down, this pin remains low to signify that the
outputs are not in a valid state. This functionality helps to
eliminate pop/click and other unwanted noise on the outputs.
To accommodate different power stages, the point at which the
PWM_READY signal goes high is programmable. It can go
high when the PWM outputs begin their ramp-up scheme
(PWM_READY early), or it can be programmed to go high
when this ramp-up scheme is complete (PWM_READY late).
This is shown in Figure 33, and it is configured in the PWM
control register (0x001F).
Each set of PWM outputs comprises complementary outputs.
The modulation frequency is 384 kHz, and the full-scale duty
cycle has a ratio of 97:3.
PWM1A
PWM1B
PWM2A
PWM2B
PWM3A
PWM3B
PWM
MODULATOR
PWM
MODULATOR
PWM
MODULATOR
+
–
+
–
+
–
PWM4A
PWM_READY
PWM4B
PWM
MODULATOR
+
–
Figure 31. PWM Output Section
HEADPHONE OUTPUT
There is a dedicated stereo headphone amplifier output that is
capable of driving 32 Ω loads at 1 V rms.
After reset, the headphone output is tristated. The tristate is
disabled using the headphone control register (0x000B). Using
the same register, the gain of the headphone amplifier can be set in
+1.5 dB steps from +1.5 dB to −45 dB. The headphone output
should have a 10 μF capacitor for dc blocking.
HPOUT1L
AUXOUT4L
AUXOUT4R
HPOUT1R
10µF
10µF
DAC
PA
Figure 32. Headphone Output Section
PWM1A
PWM1B
PWM READY
PWM READY EARLY
PWM READY LATE
DIFFERENTIAL PWM
IN PHASE
DIFFERENTIAL PWM
OUT OF PHASE—
VALID AUDIO
365ms
206µs
Figure 33. PWM Early



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com