Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601 Datasheet(PDF) 48 Page - Analog Devices

Part # ADAV4601
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADAV4601 Datasheet HTML 44Page - Analog Devices ADAV4601 Datasheet HTML 45Page - Analog Devices ADAV4601 Datasheet HTML 46Page - Analog Devices ADAV4601 Datasheet HTML 47Page - Analog Devices ADAV4601 Datasheet HTML 48Page - Analog Devices ADAV4601 Datasheet HTML 49Page - Analog Devices ADAV4601 Datasheet HTML 50Page - Analog Devices ADAV4601 Datasheet HTML 51Page - Analog Devices ADAV4601 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
ADAV4601
Rev. B | Page 48 of 60
MAIN CONTROL REGISTERS
DETAILED REGISTER DESCRIPTIONS
Address 0x0000 Initialization Control Register (Default: 0x0080)
Table 45.
Bit No.
Bit Name
Description
Default
Bits[15:13]
Reserved
Always write as 0 if writing to this register.
000
Bit[12]
Slew mute
When set to 1, all slew parameters ramp to zero. It is recommended to set this
bit to 1 prior to downloading a new program to reduce any risk of pops or clicks
on the output.
0
0b = unmuted
1b = muted
Bit[11]
Reserved
Always write as 0 if writing to this register.
0
Bits[10:9]
MCLKI frequency select
Used to select the MCLKI pin frequency.
00
00b = 512 × frequency sample (FS) (24.576 MHz)
01b = 256 × FS (12.288 MHz)
10b = 128 × FS (6.144 MHz)
11b = 64 × FS (3.072 MHz)
Bits[8:7]
SRC2 Channel A input select
Used to select the source for SRC2 Channel A.
01
00b = SDIN0
01b = SDIN1
10b = SDIN2
11b = SDIN3
Bits[6:5]
SRC1 input select
Used to select the source for SRC1.
00
00b = SDIN0
01b = SDIN1
10b = SDIN2
11b = SDIN3
Bit[4]
SRC2 Channel A enable
Used to enable SRC2 Channel A.
0
0b = disabled
1b = enabled
Bit[3]
SRC1 enable
Used to enable SRC1 Channel A.
0
0b = disabled
1b = enabled
Bit[2]
GSB enable
When set to 1, the ADAV4601 enters standby mode.
0
0b = disable standby or not in standby
1b = enable standby or not in standby
Bit[1]
Audio processor enable
Set to 1 to enable the audio processor.
0
0b = disabled
1b = enabled
Bit[0]
GPU
Globally powers up all parts of the device. If read back, it indicates the status of
the global power-up.
0
0b = use power management register
1b = global power-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com