Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601 Datasheet(PDF) 35 Page - Analog Devices

Part # ADAV4601
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADAV4601 Datasheet HTML 31Page - Analog Devices ADAV4601 Datasheet HTML 32Page - Analog Devices ADAV4601 Datasheet HTML 33Page - Analog Devices ADAV4601 Datasheet HTML 34Page - Analog Devices ADAV4601 Datasheet HTML 35Page - Analog Devices ADAV4601 Datasheet HTML 36Page - Analog Devices ADAV4601 Datasheet HTML 37Page - Analog Devices ADAV4601 Datasheet HTML 38Page - Analog Devices ADAV4601 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
ADAV4601
Rev. B | Page 35 of 60
Address 0x0106 Automatic Volume Control (Default: 0x350C)
Table 21.
Bit No.
Bit Name
Description
Default
Bits[15:12]
AVC maximum gain
Used to control the maximum gain in the range of 0 dB to 15 dB. This is the maximum gain
that can be applied to the input signal to reach the desired output level.
0011
0x0 = 15 dB
0x1 = 14 dB
0x2 = 13 dB
0x3 = 12 dB
0x4 = 11 dB
0x5 = 10 dB
...
0xF = 0 dB
Bits[11:8]
AVC decay time
Used to control the decay time in the range of 20 ms to 12 sec. The decay time
corresponds to the time required for the output to reach the desired level.
0101
0x0 = 20 ms
0x1 = 100 ms
0x2 = 200 ms
0x3 = 500 ms
0x4 = 1 sec
0x5 = 2 sec
0x6 = 3 sec
0x7 = 4 sec
0x8 = 5 sec
0x9 = 6 sec
0xA = 7 sec
0xB = 8 sec
0xC = 9 sec
0xD = 10 sec
0xE = 11 sec
0xF = 12 sec
Bits[7:4]
AVC maximum attenuation
Used to control the maximum attenuation in the range of −18 dB to −3 dB in
+1 dB steps. This is the maximum attenuation that can be applied to the input
signal to reach the desired output level.
0000
0x0 = −18 dB
0x1 = −17 dB
…
0xE = −4 dB
0xF = −3 dB
Bits[3:0]
AVC output level
Used to control the required output level of the AVC block in the range of −3 dBFS to
−18 dBFS in −1 dB steps. If the input signal is greater than the output level that has
been set by these bits, the gain is automatically reduced.
1100
0x0 = −18 dBFS
0x1 = −17 dBFS
…
0xC = −6 dBFS
0xD = −5 dBFS
0xE = −4 dBFS
0xF = −3 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com