Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601 Datasheet(PDF) 17 Page - Analog Devices

Part # ADAV4601
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADAV4601 Datasheet HTML 13Page - Analog Devices ADAV4601 Datasheet HTML 14Page - Analog Devices ADAV4601 Datasheet HTML 15Page - Analog Devices ADAV4601 Datasheet HTML 16Page - Analog Devices ADAV4601 Datasheet HTML 17Page - Analog Devices ADAV4601 Datasheet HTML 18Page - Analog Devices ADAV4601 Datasheet HTML 19Page - Analog Devices ADAV4601 Datasheet HTML 20Page - Analog Devices ADAV4601 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
ADAV4601
Rev. B | Page 17 of 60
FUNCTIONAL DESCRIPTIONS
POWER-UP SEQUENCE
The following sequence provides an overview of how to
initialize the IC:
1.
Apply power to the ADAV4601.
2.
Enable PLL via an I2C write and wait 15 ms for PLL to lock.
3.
Power up via an I2C write to the global power-up bit in the
initialization control register (0x0000).
4.
A default flow is automatically loaded on power-up. If a
user-defined flow is loaded, see the Loading a Custom
Audio Processing Flow section for additional information.
5.
Depending on the I/O blocks required, other steps may
need to be taken; for example, headphone outputs may
need to be tristated. See the ADC Inputs, DAC Voltage
Outputs, PWM Outputs, Headphone Output and S/PDIF
Input/Output sections that describe the I/O blocks in detail.
6.
Unmute.
MASTER CLOCK OSCILLATOR
Internally, the ADAV4601 operates synchronously to the master
MCLKI input. All internal system clocks are generated from this
single clock input using an internal PLL. This MCLKI input
can also be generated by an external crystal oscillator connected
to the MCLKI/XIN pin or by using a simple crystal oscillator
connected across MCLKI/XIN and XOUT. By default, the master
clock frequency is 24.576 MHz; however, by using the internal
dividers, an MCLKI of 12.288 MHz, 6.144 MHz, and 3.072 MHz
are also supported.
OSC
DIVIDER
REGISTER
DIVIDER WORD
[÷8, ÷4, ÷2, ÷1]
3.072MHz
PLL
REFERENCE
CLOCK
MASTER CLOCK FREQUENCY
[24.576MHz, 12.288MHz,
6.144MHz, 3.072MHz]
I2C
EXTERNAL CLOCK/
CRYSTAL
Figure 21. Master Clock
Figure 22 shows the external circuit recommended for proper
operation when using a crystal oscillator. Due to the effect of
stray capacitance, consideration must be given to the value of
C1 and C2 when calculating the desired CLOAD for the crystal.
S
pg
pg
pg
pg
LOAD
C
C
C
C
C
C
C
C
C
C
+
+
+
+
+
+
=
2
1
)
2
)(
1
(
2
1
2
1
where:
Cpg1
and Cpg2 are the pin to ground capacitances.
CS
is the PCB stray capacitance.
A good rule of thumb is to approximate Cpg1 and Cpg2 to be
between 5 pF and 10 pF and CS to be between 2 pF and 3 pF.
C1
C2
XIN
XOUT
Figure 22. Circuit for Crystal Resonator
I2C INTERFACE
The ADAV4601 supports a 2-wire serial (I2C compatible)
microprocessor bus driving multiple peripherals. The ADAV4601
is controlled by an external I2C master device, such as a micro-
controller. The ADAV4601 is in slave mode on the I2C bus, except
during self-boot. While the ADAV4601 is self-booting, it becomes
the master, and the EEPROM, which contains the ROMs to be
booted, is the slave. When the self-boot process is complete, the
ADAV4601 reverts to slave mode on the I2C bus. No other devices
should access the I2C bus while the ADAV4601 is self-booting
(refer to the Application Layer section and the Loading a
Custom Audio Processing Flow section).
Initially, all devices on the I2C bus are in an idle state, wherein
the devices monitor the SDA and SCL lines for a start condition
and the proper address. The I2C master initiates a data transfer by
establishing a start condition, defined by a high-to-low transition
on SDA while SCL remains high. This indicates that an address/
data stream follows. All devices on the bus respond to the start
condition and read the next byte (7­bit address plus the R/W bit)
MSB first. The device that recognizes the transmitted address
responds by pulling the data line low during the ninth clock
pulse. This ninth bit is known as an acknowledge bit.
All other devices on the bus revert to an idle condition. The R/W
bit determines the direction of the data. A Logic Level 0 on the
LSB of the first byte means the master writes information to the
peripheral. A Logic Level 1 on the LSB of the first byte means the
master reads information from the peripheral. A data transfer takes
place until a stop condition is encountered. A stop condition occurs
when SDA transitions from low to high while SCL is held high.
The ADAV4601 determines its I2C device address by sampling
the SDO0 pin after reset. Internally, the SDO0 pin is sampled by
four MCLKI edges to determine the state of the pin (high or
low). Because the pin has an internal pull-down resistor default,
the address of the ADAV4601 is 0x34 (write) and 0x35 (read).
An alternate address, 0x36 (write) and 0x37 (read), is available
by tying the SDO0 pin to ODVDD via a 10 kΩ resistor. The I2C
interface supports a clock frequency of up to 400 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com