Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4601 Datasheet(PDF) 52 Page - Analog Devices

Part # ADAV4601
Description  Audio Processor for Advanced TV
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4601 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADAV4601 Datasheet HTML 48Page - Analog Devices ADAV4601 Datasheet HTML 49Page - Analog Devices ADAV4601 Datasheet HTML 50Page - Analog Devices ADAV4601 Datasheet HTML 51Page - Analog Devices ADAV4601 Datasheet HTML 52Page - Analog Devices ADAV4601 Datasheet HTML 53Page - Analog Devices ADAV4601 Datasheet HTML 54Page - Analog Devices ADAV4601 Datasheet HTML 55Page - Analog Devices ADAV4601 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
ADAV4601
Rev. B | Page 52 of 60
Address 0x000A Misc Control Register (Default: 0x0800)
Table 51.
Bit No.
Bit Name
Description
Default
Bit[15]
PWM ready flag (read-only)
Indicates the current status of the PWM ready pin. When PWM ready is low, the
PWM is not enabled. When PWM ready is high, the PWM is enabled and stable.
0
0b = PWM ready pin low
1b = PWM ready pin high
Bit[14]
Enable selected PWM channels
When enabled, all PWM channels selected by Bits[10:7] can be used.
0
0b = all PWM channels disabled
1b = selected PWM channels enabled
Bit[13]
MCLK_OUT CLK type select
Used to configure the MCLK_OUT pin.
0
0b = crystal frequency on MCLK_OUT
1b = internally generated clocks on MCLK_OUT
Bit[12]
PWM enable/disable patterns
Enables the enable/disable patterns for the PWM block.
0
0b = enable/disable pattern not used
1b = use enable/disable pattern
Bit[11]
DAC mod offset
Adds dc offset to the DAC Σ-Δ modulator to eliminate idle tones. It is recommended
that this bit be disabled before the ADC/DAC engine is powered up in
Control Register 0x0007[1].
1
0b = enabled
1b = disabled
Bit[10]
PWM Enable 4
The PWM outputs are disabled by default, which means that the outputs are
at GND. When this bit is set to 1 and Bit[14] of this register is set to 1, then the
PWM Enable 4 channel is enabled.
0
0b = disabled
1b = enabled
Bit[9]
PWM Enable 3
The PWM outputs are disabled by default, which means that the outputs are
at GND. When this bit is set to 1 and Bit[14] of this register is set to 1, then the
PWM Enable 3 channel is enabled.
0
0b = disabled
1b = enabled
Bit[8]
PWM Enable 2
The PWM outputs are disabled by default, which means that the outputs are
at GND. When this bit is set to 1 and Bit[14] of this register is set to 1, then the
PWM Enable 2 channel is enabled.
0
0b = disabled
1b = enabled
Bit[7]
PWM Enable 1
The PWM outputs are disabled by default, which means that the outputs are
at GND. When this bit is set to 1 and Bit[14] of this register is set to 1, then the
PWM Enable 1 channel is enabled.
0
0b = disabled
1b = enabled
Bit[6]
SRC2 lock (read-only)
Set to 1 when the sample rate converter (SRC) locks to the incoming data,
indicating the data is valid.
0
0b = not locked
1b = locked
Bit[5]
SRC1 lock (read-only)
Set to 1 when the sample rate converter (SRC) locks to the incoming data,
indicating the data is valid.
0
0b = not locked
1b = locked
Bit[4]
MCLK_OUT enable
Enables the clock chosen by Bit[13] and Bits[3:1] to be output on the MCLK_OUT pin.
0
0b = MCLK_OUT function disabled
1b = MCLK_OUT function enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com