Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502CD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4502CD
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4502CD Datasheet(HTML) 4 Page - Texas Instruments

  THS4502CD Datasheet HTML 1Page - Texas Instruments THS4502CD Datasheet HTML 2Page - Texas Instruments THS4502CD Datasheet HTML 3Page - Texas Instruments THS4502CD Datasheet HTML 4Page - Texas Instruments THS4502CD Datasheet HTML 5Page - Texas Instruments THS4502CD Datasheet HTML 6Page - Texas Instruments THS4502CD Datasheet HTML 7Page - Texas Instruments THS4502CD Datasheet HTML 8Page - Texas Instruments THS4502CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
THS4502
THS4503
SLOS352D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS VS = ±5 V (continued)
Rf = Rg = 499 Ω, RL = 800 Ω, G = +1, Single-ended input unless otherwise noted.
PARAMETER
THS4502 AND THS4503
TEST CONDITIONS
PARAMETER
MIN/
TYP/
MAX
OVER TEMPERATURE
TYP
TEST CONDITIONS
PARAMETER
MIN/
TYP/
MAX
UNITS
−40
°C to
85
°C
0
°C to
70
°C
25
°C
25
°C
TEST CONDITIONS
Average offset current drift
±40
±40
nA/
°C
Typ
INPUT
Common-mode input range
±4.0
±3.7
±3.4
±3.4
V
Min
Common-mode rejection ratio
80
74
70
70
dB
Min
Input impedance
107 || 1
Ω || pF
Typ
OUTPUT
Differential output voltage swing
RL = 1 kΩ
±8
±7.6
±7.4
±7.4
V
Min
Differential output current drive
RL = 20 Ω
120
110
100
100
mA
Min
Output balance error
PIN = −20 dBm, f = 100 kHz
−58
dB
Typ
Closed-loop output impedance
(single-ended)
f = 1 MHz
0.1
Ω
Typ
OUTPUT COMMON-MODE VOLTAGE CONTROL
Small-signal bandwidth
RL = 400 Ω
180
MHz
Typ
Slew rate
2 VPP step
87
V/
µs
Typ
Minimum gain
1
0.98
0.98
0.98
V/V
Min
Maximum gain
1
1.02
1.02
1.02
V/V
Max
Common-mode offset voltage
+2
−1.6/+6.8
−3.6/+8.8
−4.6/+9.8
mV
Max
Input bias current
VOCM = 2.5 V
100
150
170
170
µA
Max
Input voltage range
±4
±3.7
±3.4
±3.4
V
Min
Input impedance
25 || 1
k
Ω || pF
Typ
Maximum default voltage
VOCM left floating
0
0.05
0.10
0.10
V
Max
Minimum default voltage
VOCM left floating
0
−0.05
−0.10
−0.10
V
Min
POWER SUPPLY
Specified operating voltage
±5
±8.25
±8.25
±8.25
V
Max
Maximum quiescent current
23
28
32
34
mA
Max
Minimum quiescent current
23
18
14
12
mA
Min
Power supply rejection (
±PSRR)
80
76
73
70
dB
Min
POWER DOWN (THS4502 ONLY)
Enable voltage threshold
Device enabled ON above –2.9 V
−2.9
V
Min
Disable voltage threshold
Device disabled OFF below –4.3 V
−4.3
V
Max
Power-down quiescent current
800
1000
1200
1200
µA
Max
Input bias current
200
240
260
260
µA
Max
Input impedance
50 || 1
k
Ω || pF
Typ
Turnon time delay
1000
ns
Typ
Turnoff time delay
800
ns
Typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com