Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502CD Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS4502CD
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4502CD Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS4502CD Datasheet HTML 13Page - Texas Instruments THS4502CD Datasheet HTML 14Page - Texas Instruments THS4502CD Datasheet HTML 15Page - Texas Instruments THS4502CD Datasheet HTML 16Page - Texas Instruments THS4502CD Datasheet HTML 17Page - Texas Instruments THS4502CD Datasheet HTML 18Page - Texas Instruments THS4502CD Datasheet HTML 19Page - Texas Instruments THS4502CD Datasheet HTML 20Page - Texas Instruments THS4502CD Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
THS4502
THS4503
SLOS352D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
17
TYPICAL CHARACTERISTICS (5 V Graphs)
Figure 68
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2
HD3
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO − Output Voltage Swing − V
Differential Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1.3 kΩ
f= 8 MHz
VS = 5 V
Figure 69
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
400
800
1200
1600
HD2
HD3
HARMONIC DISTORTION
vs
LOAD RESISTANCE
RL − Load Resistance − Ω
Single-Ended Input to
Differential Output
Gain = 1
VO = 2 VPP
Rf = 499 Ω
f= 30 MHz
VS = 5 V
Figure 70
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
400
800
1200
1600
HD2
HD3
HARMONIC DISTORTION
vs
LOAD RESISTANCE
RL − Load Resistance − Ω
Differential Input to
Differential Output
Gain = 1
VO = 2 VPP
Rf = 499 Ω
f= 30 MHz
VS = 5 V
Figure 71
0
200
400
600
800
1000
1600
0
0.5
1
1.5
2
2.5
3
3.5
4
VO − Differential Output Voltage Step − V
SLEW RATE
vs
DIFFERENTIAL OUTPUT VOLTAGE STEP
1200
1400
Gain = 1
RL = 800 Ω
Rf = 499 Ω
VS = 5 V
Figure 72
−100
0
100
200
300
400
500
t − Time − ns
LARGE-SIGNAL TRANSIENT RESPONSE
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
Gain = 1
RL = 800 Ω
Rf = 499 Ω
tr/tf = 300 ps
VS = 5 V
Figure 73
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
−100
0
100
200
300
400
500
t − Time − ns
SMALL-SIGNAL TRANSIENT RESPONSE
Gain = 1
RL = 800 Ω
Rf = 499 Ω
tr/tf = 300 ps
VS = 5 V
Figure 74
1
10
100
0.01
0.1
1
10
100
Vn
In
f − Frequency − kHz
VOLTAGE AND CURRENT NOISE
vs
FREQUENCY
1000
10 k
Figure 75
−10
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
REJECTION RATIOS
vs
FREQUENCY
f − Frequency − MHz
PSRR+
PSRR−
CMMR
RL = 800 Ω
VS = 5 V
Figure 76
−40−30−20−10 0 1020304050 60 708090
REJECTION RATIOS
vs
CASE TEMPERATURE
Case Temperature −
°C
PSRR+
PSRR−
CMMR
RL = 800 Ω
VS = 5 V
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com