Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502CD Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # THS4502CD
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4502CD Datasheet(HTML) 26 Page - Texas Instruments

Back Button THS4502CD Datasheet HTML 22Page - Texas Instruments THS4502CD Datasheet HTML 23Page - Texas Instruments THS4502CD Datasheet HTML 24Page - Texas Instruments THS4502CD Datasheet HTML 25Page - Texas Instruments THS4502CD Datasheet HTML 26Page - Texas Instruments THS4502CD Datasheet HTML 27Page - Texas Instruments THS4502CD Datasheet HTML 28Page - Texas Instruments THS4502CD Datasheet HTML 29Page - Texas Instruments THS4502CD Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
THS4502
THS4503
SLOS352D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
26
LINEARITY: DEFINITIONS, TERMINOLOGY,
CIRCUIT TECHNIQUES, AND DESIGN
TRADEOFFS
The THS4500 family of devices features unprecedented
distortion performance for monolithic fully differential
amplifiers. This section focuses on the fundamentals of
distortion, circuit techniques for reducing nonlinearity,
and methods for equating distortion of fully differential
amplifiers to desired linearity specifications in RF receiver
chains.
Amplifiers are generally thought of as linear devices. In
other words, the output of an amplifier is a linearly scaled
version of the input signal applied to it. In reality, however,
amplifier transfer functions are nonlinear. Minimizing
amplifier nonlinearity is a primary design goal in many
applications.
Intercept points are specifications that have long been
used as key design criteria in the RF communications
world as a metric for the intermodulation distortion
performance of a device in the signal chain (e.g.,
amplifiers, mixers, etc.). Use of the intercept point, rather
than strictly the intermodulation distortion, allows for
simpler system-level calculations. Intercept points, like
noise figures, can be easily cascaded back and forth
through a signal chain to determine the overall receiver
chain’s intermodulation distortion performance. The
relationship between intermodulation distortion and
intercept point is depicted in Figure 103 and Figure 104.
Figure 103
IMD3 = PS − PO
PS
PO
PO
∆fc = fc − f1
∆fc = f2 − fc
PS
fc − 3∆ff1 fc f2
fc + 3∆f
f − Frequency − MHz
Figure 104
IMD3
OIP3
IIP3
3X
PIN
(dBm)
1X
POUT
(dBm)
PO
PS
Due to the intercept point’s ease of use in system level
calculations for receiver chains, it has become the
specification of choice for guiding distortion-related design
decisions. Traditionally, these systems use primarily
class-A, single-ended RF amplifiers as gain blocks. These
RF amplifiers are typically designed to operate in a 50-
Ω
environment, just like the rest of the receiver chain. Since
intercept points are given in dBm, this implies an
associated impedance (50
Ω).
However, with a fully differential amplifier, the output does
not require termination as an RF amplifier would. Because
closed-loop amplifiers deliver signals to their outputs
regardless of the impedance present, it is important to
comprehend this when evaluating the intercept point of a
fully differential amplifier. The THS4500 series of devices
yields optimum distortion performance when loaded with
200
Ω to 1 kΩ, very similar to the input impedance of an
analog-to-digital converter over its input frequency band.
As a result, terminating the input of the ADC to 50
Ω can
actually be detrimental to system performance.
This discontinuity between open-loop, class-A amplifiers
and closed-loop, class-AB amplifiers becomes apparent
when comparing the intercept points of the two types of
devices. Equation 10 gives the definition of an intercept
point, relative to the intermodulation distortion.
OIP
3 + PO )
IMD
3
2
where
P
O + 10 log
V2
Pdiff
2R
L
0.001
(10)
(11)
NOTE: Po is the output power of a single tone, RL is the differential load
resistance, and VP(diff) is the differential peak voltage for a
single tone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com