Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502CD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4502CD
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4502CD Datasheet(HTML) 2 Page - Texas Instruments

  THS4502CD Datasheet HTML 1Page - Texas Instruments THS4502CD Datasheet HTML 2Page - Texas Instruments THS4502CD Datasheet HTML 3Page - Texas Instruments THS4502CD Datasheet HTML 4Page - Texas Instruments THS4502CD Datasheet HTML 5Page - Texas Instruments THS4502CD Datasheet HTML 6Page - Texas Instruments THS4502CD Datasheet HTML 7Page - Texas Instruments THS4502CD Datasheet HTML 8Page - Texas Instruments THS4502CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
THS4502
THS4503
SLOS352D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Supply voltage, VS
16.5 V
Input voltage, VI
±V
S
Output current, IO (2)
150 mA
Differential input voltage, VID
4 V
Continuous power dissipation
See Dissipation Rating Table
Maximum junction temperature, TJ (3)
150
°C
Maximum junction temperature, continuous
operation, long term reliability TJ (4)
125
°C
Operating free-air
C suffix
0
°C to 70°C
Operating free-air
temperature range, TA
I suffix
−40
°C to 85°C
Storage temperature range, Tstg
−65
°C to 150°C
Lead temperature
1,6 mm (1/16 inch) from case for 10
seconds
300
°C
HBM
4000 V
ESD ratings:
CDM
1000 V
ESD ratings:
MM
100 V
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) The THS450x may incorporate a PowerPAD on the underside of
the chip. This acts as a heatsink and must be connected to a
thermally dissipative plane for proper power dissipation. Failure
to do so may result in exceeding the maximum junction
temperature which could permanently damage the device. See TI
technical brief SLMA002 for more information about utilizing the
PowerPAD thermally enhanced package.
(3) The absolute maximum temperature under any condition is
limited by the constraints of the silicon process.
(4) The maximum junction temperature for continuous operation is
limited by package constraints. Operation above this temperature
may result in reduced reliability and/or lifetime of the device.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE DISSIPATION RATINGS
θ
θ (1)
POWER RATING(2)
PACKAGE
θJC
(
°C/W)
θJA
(
°C/W)
TA ≤ 25°C
TA = 85°C
D (8 pin)
38.3
97.5
1.02 W
410 mW
DGN (8 pin)
4.7
58.4
1.71 W
685 mW
DGK (8 pin)
54.2
260
385 mW
154 mW
(1) This data was taken using the JEDEC standard High-K test PCB.
(2) Power rating is determined with a junction temperature of 125
°C.
This is the point where distortion starts to substantially increase.
Thermal management of the final PCB should strive to keep the
junction temperature at or below 125
°C for best performance and
long term reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Dual supply
±5
±7.5
Supply voltage
Single supply
4.5
5
15
V
Operating free-
C suffix
0
70
°
air temperature,
TA
I suffix
−40
85
°C
PACKAGE/ORDERING INFORMATION
ORDERABLE PACKAGE AND NUMBER
TEMPERATURE
PLASTIC
SMALL OUTLINE
PLASTIC MSOP(1)
PowerPAD
PLASTIC MSOP(1)
SMALL OUTLINE
(D)
(DGN)
SYMBOL
(DGK)
SYMBOL
°
°
THS4502CD
THS4502CDGN
BCG
THS4502CDGK
ATX
0
°C to 70°C
THS4503CD
THS4503CDGN
BCK
THS4503CDGK
ATY
°
°
THS4502ID
THS4502IDGN
BCI
THS4502IDGK
ASX
−40
°C to 85°C
THS4503ID
THS4503IDGN
BCL
THS4503IDGK
ASY
(1) All packages are available taped and reeled. The R suffix standard quantity is 2500. The T suffix standard quantity is 250 (e.g., THS4502DT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com