Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502CD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4502CD
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4502CD Datasheet(HTML) 3 Page - Texas Instruments

  THS4502CD Datasheet HTML 1Page - Texas Instruments THS4502CD Datasheet HTML 2Page - Texas Instruments THS4502CD Datasheet HTML 3Page - Texas Instruments THS4502CD Datasheet HTML 4Page - Texas Instruments THS4502CD Datasheet HTML 5Page - Texas Instruments THS4502CD Datasheet HTML 6Page - Texas Instruments THS4502CD Datasheet HTML 7Page - Texas Instruments THS4502CD Datasheet HTML 8Page - Texas Instruments THS4502CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
THS4502
THS4503
SLOS352D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
3
PIN ASSIGNMENTS
THS4503
(TOP VIEW)
V
IN−
1
2
3
4
8
7
6
5
V
OCM
V
S+
V
OUT+
V
IN+
V
S−
V
OUT−
PD
D, DGN, DGK
THS4502
(TOP VIEW)
D, DGN, DGK
V
IN−
1
2
3
4
8
7
6
5
V
OCM
V
S+
V
OUT+
V
IN+
V
S−
V
OUT−
NC
ELECTRICAL CHARACTERISTICS VS = ±5 V
Rf = Rg = 499 Ω, RL = 800 Ω, G = +1, Single-ended input unless otherwise noted.
THS4502 AND THS4503
TYP
OVER TEMPERATURE
MIN/
PARAMETER
TEST CONDITIONS
25
°C
25
°C
0
°C to
70
°C
−40
°C to
85
°C
UNITS
MIN/
TYP/
MAX
AC PERFORMANCE
G = +1, PIN= −20 dBm, Rf = 392 Ω
370
MHz
Typ
G = +2, PIN= −30 dBm, Rf = 1 kΩ
175
MHz
Typ
Small-signal bandwidth
G = +5, PIN= −30 dBm, Rf = 1.3 kΩ
70
MHz
Typ
G = +10, PIN = −30 dBm, Rf = 1.3 kΩ
30
MHz
Typ
Gain-bandwidth product
G > +10
300
MHz
Typ
Bandwidth for 0.1dB flatness
PIN = −20 dBm
150
MHz
Typ
Large-signal bandwidth
VP = 2 V
220
MHz
Typ
Slew rate
4 VPP Step
2800
V/
µs
Typ
Rise time
2 VPP Step
0.8
ns
Typ
Fall time
2 VPP Step
0.6
ns
Typ
Settling time to 0.01%
VO = 4 VPP
8.3
ns
Typ
0.1%
VO = 4 VPP
6.3
ns
Typ
Harmonic distortion
G = +1, VO = 2 VPP
Typ
f = 8 MHz
−83
dBc
Typ
2nd harmonic
f = 30 MHz
−74
dBc
Typ
f = 8 MHz
−97
dBc
Typ
3rd harmonic
f = 30 MHz
−78
dBc
Typ
Third-order intermodulation
distortion
VO = 2VPP, fc = 30 MHz,
Rf = 392 Ω, 200 kHz tone spacing
−94
dBc
Typ
Third-order output intercept point
fc = 30 MHz, Rf = 392 Ω,
Referenced to 50
Ω
52
dBm
Typ
Input voltage noise
f > 1 MHz
6.8
nV/
√Hz
Typ
Input current noise
f > 100 kHz
1.7
pA/
√Hz
Typ
Overdrive recovery time
Overdrive = 5.5 V
75
ns
Typ
DC PERFORMANCE
Open-loop voltage gain
55
52
50
50
dB
Min
Input offset voltage
−1
−4 / +2
−5 / +3
−6 / +4
mV
Max
Average offset voltage drift
±10
±10
µV/°C
Typ
Input bias current
4
4.6
5
5.2
µA
Max
Average bias current drift
±10
±10
nA/
°C
Typ
Input offset current
0.5
1
2
2
µA
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com