Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502CD Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # THS4502CD
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4502CD Datasheet(HTML) 33 Page - Texas Instruments

Back Button THS4502CD Datasheet HTML 29Page - Texas Instruments THS4502CD Datasheet HTML 30Page - Texas Instruments THS4502CD Datasheet HTML 31Page - Texas Instruments THS4502CD Datasheet HTML 32Page - Texas Instruments THS4502CD Datasheet HTML 33Page - Texas Instruments THS4502CD Datasheet HTML 34Page - Texas Instruments THS4502CD Datasheet HTML 35Page - Texas Instruments THS4502CD Datasheet HTML 36Page - Texas Instruments THS4502CD Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
www.ti.com
PowerPAD is a trademark of Texas Instruments
DGN (S-PDSO-G8)
THERMAL INFORMATION
THERMAL PAD MECHANICAL DATA
PPTD041
Exposed Thermal Pad
5
4
8
1
1,78
MAX
1,73
MAX
This PowerPAD™ package incorporates an exposed thermal pad that is designed to be attached directly to an
external heatsink. When the thermal pad is soldered directly to the printed circuit board (PCB), the PCB can be
used as a heatsink. In addition, through the use of thermal vias, the thermal pad can be attached directly to a
ground plane or special heatsink structure designed into the PCB. This design optimizes the heat transfer from
the integrated circuit (IC).
The exposed thermal pad dimensions for this package are shown in the following illustration.
For additional information on the PowerPAD package and how to take advantage of its heat dissipating abilities,
refer to Technical Brief, PowerPAD Thermally Enhanced Package, Texas Instruments Literature No. SLMA002
and Application Brief, PowerPAD Made Easy , Texas Instruments Literature No. SLMA004. Both documents are
available at www.ti.com.
Exposed Thermal Pad Dimensions
NOTE: All linear dimensions are in millimeters
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com