Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM85 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM85
Description  Hardware Monitor with Integrated Fan Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM85 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM85 Datasheet HTML 17Page - National Semiconductor (TI) LM85 Datasheet HTML 18Page - National Semiconductor (TI) LM85 Datasheet HTML 19Page - National Semiconductor (TI) LM85 Datasheet HTML 20Page - National Semiconductor (TI) LM85 Datasheet HTML 21Page - National Semiconductor (TI) LM85 Datasheet HTML 22Page - National Semiconductor (TI) LM85 Datasheet HTML 23Page - National Semiconductor (TI) LM85 Datasheet HTML 24Page - National Semiconductor (TI) LM85 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Functional Description (Continued)
TABLE 9. PWM Duty vs Register Setting
Current Duty
Value (Decimal)
Value (Hex)
0%
0
00h
0.3922%
1
01h
.
.
.
.
.
.
.
.
.
25.098%
64
40h
.
.
.
.
.
.
.
.
.
50.196%
128
80h
.
.
.
.
.
.
.
.
.
100%
255
FFh
4.18 Registers 67-69h: Temperature Limit
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Lock?
67h
R/W
Zone1 Fan Temp Limit
7
6
5
43210
5Ah
U
68h
R/W
Zone2 Fan Temp Limit
7
6
5
43210
5Ah
U
69h
R/W
Zone3 Fan Temp Limit
7
6
5
43210
5Ah
U
These are the temperature limits for the individual zones. When the current temperature equals this limit, the fan will be turned
on if it is not already. When the temperature exceeds this limit, the fan speed will be increased according to the algorithm set forth
in the Auto Fan Range, PWM Frequency register description. Default = 90˚C = 5Ah
This register becomes Read Only when the Ready/Lock/Start/Override register Lock bit is set. Any further attempts to write to this
register shall have no effect. After power up the default value is used whenever the Ready/Lock/Start/Override register Start bit
is cleared even though modifications to this register are possible.
TABLE 10. Temperature Limit vs Register Setting
Temperature
Reading (Decimal)
Reading (Hex)
−127˚C
−127
81h
.
.
.
.
.
.
.
.
.
−50˚C
−50
CEh
.
.
.
.
.
.
.
.
.
0˚C
0
00h
.
.
.
.
.
.
.
.
.
50˚C
50
32h
.
.
.
.
.
.
.
.
.
127˚C
127
7Fh
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com