Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM85 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM85
Description  Hardware Monitor with Integrated Fan Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM85 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM85 Datasheet HTML 8Page - National Semiconductor (TI) LM85 Datasheet HTML 9Page - National Semiconductor (TI) LM85 Datasheet HTML 10Page - National Semiconductor (TI) LM85 Datasheet HTML 11Page - National Semiconductor (TI) LM85 Datasheet HTML 12Page - National Semiconductor (TI) LM85 Datasheet HTML 13Page - National Semiconductor (TI) LM85 Datasheet HTML 14Page - National Semiconductor (TI) LM85 Datasheet HTML 15Page - National Semiconductor (TI) LM85 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Functional Description (Continued)
Current Duty
Value (Decimal)
Value (Hex)
.
.
.
.
.
.
.
.
.
50.196%
128
80h
.
.
.
.
.
.
.
.
.
100%
255
FFh
4.5 Register 3Eh: Company ID
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
3Eh
R
Company ID
7
6543210
01h
The company ID register contains the company identification number. For National Semiconductor this is 01h. This number is
assigned by Intel and is a method for uniquely identifying the part manufacturer. This register is read only — a write to this
register has no effect.
4.6 Register 3Fh: Version/Stepping
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
3Fh
R
Version/Stepping
VER3
VER2
VER1
VER0
STP3
STP2
STP1
STP0
60h
The four least significant bits of the Version/Stepping register [3.0] contain the current stepping of the LM85 silicon. The four most
significant bits [7.4] reflect the LM85 base device number when set to a value of 0110b. All LM85 revisions will have a base
number of 6. For the LM85C, this register will read 01100000b (60h). The LM85B will read 01100010b (62h).If new revisions of
the LM85C or LM85B are released the last 4 bits of this register will change.
The register is used by application software to identify which device in the hardware monitor family of ASICs has been
implemented in the given system. Based on this information, software can determine which registers to read from and write to.
Further, application software may use the current stepping to implement work-arounds for bugs found in a specific silicon
stepping.
This register is read only — a write to this register has no effect.
4.7 Register 40h: Ready/Lock/Start/Override
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
40h
R/W
Ready/Lock/Start/Override
RES
RES
RES
RES
OVRID
READY
LOCK
START
00h
Bit
Name
R/W
Default
Description
0
START
R/W
0
When software writesa1to this bit, the LM85 fan monitoring and PWM output
control functions will use the values set in the fan control limit and parameter
registers (address 5Ch through 6Eh). Before this bit is set, the LM85 will not
update the used register values, the default values will remain in effect.
Whenever this bit is set to 0, the LM85 fan monitoring and PWM output control
functions use the default fan limits and parameters, regardless of the current
values in the limit and parameter registers (5C through 6Eh). The LM85 will
preserve the values currently stored in the limit and parameter registers when
this bit is set or cleared. This bit becomes read only when the
Ready/Lock/Start/Override register Lock bit is set.
It is expected that all limit and parameter registers will be set by BIOS or
application software prior to setting this bit.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com