Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM85 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM85
Description  Hardware Monitor with Integrated Fan Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM85 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM85 Datasheet HTML 1Page - National Semiconductor (TI) LM85 Datasheet HTML 2Page - National Semiconductor (TI) LM85 Datasheet HTML 3Page - National Semiconductor (TI) LM85 Datasheet HTML 4Page - National Semiconductor (TI) LM85 Datasheet HTML 5Page - National Semiconductor (TI) LM85 Datasheet HTML 6Page - National Semiconductor (TI) LM85 Datasheet HTML 7Page - National Semiconductor (TI) LM85 Datasheet HTML 8Page - National Semiconductor (TI) LM85 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Connection Diagram
24 Pin QSOP
20035302
NS Package MQA24
Top View
LM85BIMQ or LM85CIMQ (55 units per rail), or
LM85BIMQX or LM85CIMQX (2500 units per tape and reel)
Information on the differences between the LM85BIMQ and LM85CIMQ can be found in Section 6.0. It is highly recommended
that all new designs use the LM85BIMQ.
Pin Descriptions
Symbol
Pin
Typ
Name and Function/Connection
SMBDAT
1
Digital I/O
(Open-Drain)
System Management Bus Data. Open-drain output. 5V tolerant,
SMBus 2.0 compliant.
SMBCLK
2
Digital Input
System Management Bus Clock. Tied to Open-drain output. 5V
tolerant, SMBus 2.0 compliant.
VID0
5
Digital Input
Voltage identification signal from the processor. This value is read
in the VID0–VID4 Status Register.
VID1
6
Digital Input
Voltage identification signal from the processor. This value is read
in the VID0–VID4 Status Register.
VID2
7
Digital Input
Voltage identification signal from the processor. This value is read
in the VID0–VID4 Status Register.
VID3
8
Digital Input
Voltage identification signal from the processor. This value is read
in the VID0–VID4 Status Register.
VID4
19
Digital Input
Voltage identification signal from the processor. This value is read
in the VID0–VID4 Status Register.
3.3V
4
POWER
+3.3V pin. Can be powered by +3.3V Standby power if monitoring
in low power states is required. This pin also serves as the analog
input to monitor the 3.3V supply. This pin should be bypassed
with a 0.1µf capacitor in parallel with 100pf. A bulk capacitance of
approximately 10µf needs to be in the near vicinity of the LM85.
GND
3
GROUND
Ground for all analog and digital circuitry.
5V
20
Analog Input
Analog input for +5V monitoring.
12V
21
Analog Input
Analog input for +12V monitoring.
2.5V
22
Analog Input
Analog input for +2.5V monitoring.
V
CCP
23
Analog Input
Analog input for +V
CCP (processor voltage) monitoring.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com