Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM85 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM85
Description  Hardware Monitor with Integrated Fan Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM85 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM85 Datasheet HTML 6Page - National Semiconductor (TI) LM85 Datasheet HTML 7Page - National Semiconductor (TI) LM85 Datasheet HTML 8Page - National Semiconductor (TI) LM85 Datasheet HTML 9Page - National Semiconductor (TI) LM85 Datasheet HTML 10Page - National Semiconductor (TI) LM85 Datasheet HTML 11Page - National Semiconductor (TI) LM85 Datasheet HTML 12Page - National Semiconductor (TI) LM85 Datasheet HTML 13Page - National Semiconductor (TI) LM85 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Functional Description (Continued)
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Lock?
6Fh
R/W
XOR Test Tree Enable
RES
RES
RES
RES
RES
RES
RES
XEN
00h
U
74h
R/W
Tach Monitor Mode
RES
RES T3/4-1 T3/4-0
T2-1
T2-0
T1-1
T1-0
00h
75h
R/W
Fan Spin-up Mode
RES
RES
RES
RES
RES
PWM3
SU
PWM2
SU
PWM1
SU
7h
U
Note: Reserved bits will always return 0 when read.
4.1 Register 20-24h: Voltage Reading
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
20h
R
2.5V
7
6543210
N/A
21h
R
V
CCP
7
6543210
N/A
22h
R
3.3V
7
6543210
N/A
23h
R
5V
7
6543210
N/A
24h
R
12V
7
6543210
N/A
The Register Names difine the typical input voltage at which the reading is 3⁄4 full scale or C0h.
The Voltage Reading registers are updated automatically by the LM85 at a minimum frequency of 4 Hz. These registers are read
only — a write to these registers has no effect.
4.2 Register 25-27h: Temperature Reading
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
25h
R
Processor (Zone1) Temp
7
6543210
N/A
26h
R
Internal (Zone2) Temp
7
6543210
N/A
27h
R
Remote (Zone3) Temp
7
6543210
N/A
The Temperature Reading registers reflect the current temperatures of the internal and remote diodes. Processor (Zone1) Temp
register reports the temperature measured by the thermal diode connected to the Remote1− and Remote1+ pins, Remote
(Zone3) Temp register reports the temperature measured by the thermal diode connected to the the Remote2− and Remote2+
pins, and the Internal (Zone2) Temp register reports the temperature measured by the internal (junction) temperature sensor.
Temperatures are represented as 8 bit, 2’s complement, signed numbers, in Celsius, as shown below in Table 1. The Temperature
Reading register will return a value of 80h if the remote diode pins are not used by the board designer or are not functioning
properly. This reading will cause the zone limit bit(s) (bits 6 and 4) in the Interrupt Status Register (41h) and the remote diode fault
status bit(s) (bit 6 or 7) in the Interrupt Status Register 2 (42h) to be set. The Temperature Reading registers are updated
automatically by the LM85 at a minimum frequency of 4 Hz. These registers are read only — a write to these registers has no
effect.
TABLE 1. Temperature vs Register Reading
Temperature
Reading (Dec)
Reading (Hex)
−127˚C
−127
81h
.
.
.
.
.
.
.
.
.
−50˚C
−50
CEh
.
.
.
.
.
.
.
.
.
0˚C
0
00h
.
.
.
.
.
.
.
.
.
127˚C
127
7Fh
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com