Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM85 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM85
Description  Hardware Monitor with Integrated Fan Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM85 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM85 Datasheet HTML 1Page - National Semiconductor (TI) LM85 Datasheet HTML 2Page - National Semiconductor (TI) LM85 Datasheet HTML 3Page - National Semiconductor (TI) LM85 Datasheet HTML 4Page - National Semiconductor (TI) LM85 Datasheet HTML 5Page - National Semiconductor (TI) LM85 Datasheet HTML 6Page - National Semiconductor (TI) LM85 Datasheet HTML 7Page - National Semiconductor (TI) LM85 Datasheet HTML 8Page - National Semiconductor (TI) LM85 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DC Electrical Characteristics (Continued)
The following specifications apply for V+ = 3.0V to 3.6V, and all analog input source impedance R
S =50
Ω unless otherwise
specified in conditions. Boldface limits apply for T
A =TMIN to TMAX; all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limits)
Input Resistance, all analog inputs
210
140
k
Ω (min)
400
k
Ω (max)
DIGITAL OUTPUT: PWM1, PWM2, PWM3, XTESTOUT
I
OL
Logic Low Sink Current
LM85CIMQ
V
OL=0.55V
8
mA (min)
LM85BIMQ
V
OL=0.4V
8
mA (min)
V
OL
Logic Low Level
LM85CIMQ
I
OUT =+3 mA
0.4
V (max)
I
OUT =+8 mA
0.55
V (max)
LM85BIMQ
I
OUT =+8 mA
0.4
V (max)
SMBUS OPEN-DRAIN OUTPUT: SMBDAT
V
OL
Logic Low Output Voltage
I
OUT =+4 mA
0.4V
V (max)
I
OH
High Level Output Current
V
OUT = V+
0.1
10
µA (max)
SMBUS INPUTS: SMBCLK. SMBDAT
V
IH
Logic Input High Voltage
2.1
V (min)
V
IL
Logic Input Low Voltage
0.8
V (max)
V
HYST
Logic Input Hysteresis Voltage
300
mV
DIGITAL INPUTS: ALL
V
IH
Logic Input High Voltage
2.1
V (min)
V
IL
Logic Input Low Voltage
0.8
V (max)
V
TH
Logic Input Threshold Voltage
1.5
V
I
IH
Logic High Input Current
V
IN = V+
0.005
10
µA (max)
I
IL
Logic Low Input Current
V
IN = GND
−0.005
−10
µA (max)
C
IN
Digital Input Capacitance
20
pF
AC Electrical Characteristics
The following specifications apply for V+ = 3.0V to 3.6V unless otherwise specified in conditions. Boldface limits apply for T
A
=T
MIN to TMAX; all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limits)
TACHOMETER ACCURACY
Fan Count Accuracy
±10
% (max)
Fan Full-Scale Count
65536
(max)
Fan Counter Clock Frequency
90
kHz
Fan Count Conversion Time
0.7
1.4
sec (max)
FAN PWM OUTPUT
Frequency Setting Accuracy
±10
% (max)
Frequency Range
10
94
Hz
Hz
Duty-Cycle Range
0to100
% (max)
Duty-Cycle Resolution (8-bits)
0.390625
%
Spin-Up Time Interval Range
100
4000
ms ms
Spin-Up Time Interval Accuracy
±10
% (max)
SPIKE SMOOTHING FILTER
Time Interval Deviation
±10
% (max)
Time Interval Range
35
0.8
sec
sec
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com