Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM85 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM85
Description  Hardware Monitor with Integrated Fan Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM85 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM85 Datasheet HTML 1Page - National Semiconductor (TI) LM85 Datasheet HTML 2Page - National Semiconductor (TI) LM85 Datasheet HTML 3Page - National Semiconductor (TI) LM85 Datasheet HTML 4Page - National Semiconductor (TI) LM85 Datasheet HTML 5Page - National Semiconductor (TI) LM85 Datasheet HTML 6Page - National Semiconductor (TI) LM85 Datasheet HTML 7Page - National Semiconductor (TI) LM85 Datasheet HTML 8Page - National Semiconductor (TI) LM85 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Pin Descriptions (Continued)
Symbol
Pin
Typ
Name and Function/Connection
Remote1+
18
Remote Thermal
Diode Positive
Input
Positive input (current source) from the first remote thermal diode.
Serves as the positive input into the A/D. Connected to
THERMDA pin of Pentium processor or the base of a diode
connected MMBT3904 NPN transistor.
Remote1−
17
Remote Thermal
Diode Negative
Input
Negative input (current sink) from the first remote thermal diode.
Serves as the negative input into the A/D. Connected to
THERMDC pin of Pentium processor or the emmiter of a diode
connected MMBT3904 NPN transistor.
Remote2+
16
Remote Thermal
Diode Positive
Output
Positive input (current source) from the first remote thermal diode.
Serves as the positive input into the A/D. Connected to
THERMDA pin of Pentium processor or the base of a diode
connected MMBT3904 NPN transistor.
Remote2−
15
Remote Thermal
Diode Negative
Input
Negative input (current sink) from the first remote thermal diode.
Serves as the negative input into the A/D. Connected to
THERMDC pin of Pentium processor or the emmiter of a diode
connected MMBT3904 NPN transistor.
TACH1
11
Digital Input
Input for monitoring tachometer output of fan 1.
TACH2
12
Digital Input
Input for monitoring tachometer output of fan 2.
TACH3
9
Digital Input
Input for monitoring tachometer output of fan 3.
TACH4/Address
Select
14
Digital Input
Input for monitoring tachometer output of fan 4. If in Address
Select Mode, determines the SMBus address of the LM85.
PWM1/xTest
Out
24
Digital Open-Drain
Output
Fan speed control 1. When in XOR tree test mode, functions as
XOR Tree output.
PWM2
10
Digital Open-Drain
Output
Fan speed control 2.
PWM3/Address
Enable
13
Digital Open-Drain
Output
Fan speed control 3. Pull to ground at power on to enable
Address Select Mode (Address Select pin controls SMBus
address of the device).
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com