Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC450 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC450
Description  Single Supply, Low-Power, High Output, Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC450 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC450 Datasheet HTML 1Page - National Semiconductor (TI) CLC450 Datasheet HTML 2Page - National Semiconductor (TI) CLC450 Datasheet HTML 3Page - National Semiconductor (TI) CLC450 Datasheet HTML 4Page - National Semiconductor (TI) CLC450 Datasheet HTML 5Page - National Semiconductor (TI) CLC450 Datasheet HTML 6Page - National Semiconductor (TI) CLC450 Datasheet HTML 7Page - National Semiconductor (TI) CLC450 Datasheet HTML 8Page - National Semiconductor (TI) CLC450 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
http://www.national.com
PARAMETERS
CONDITIONS
TYP
GUARANTEED MIN/MAX
UNITS
NOTES
Ambient Temperature
CLC450AJ
+25°C
+25°C
0 to 70°C
-40 to 85°C
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
Vo < 1.0Vpp
135
115
105
100
MHz
Vo < 4.0Vpp
55
45
42
40
MHz
-0.1dB bandwidth
Vo < 1.0Vpp
40
30
25
25
MHz
gain peaking
<200MHz, Vo = 1.0Vpp
0
0.5
0.9
1.0
dB
gain rolloff
<30MHz, Vo = 1.0Vpp
0.1
0.3
0.4
0.5
dB
linear phase deviation
<30MHz, Vo = 1.0Vpp
0.1
0.3
0.4
0.4
deg
differential gain
NTSC, RL=150Ω
0.03
–
–
–
%
differential phase
NTSC, RL=150Ω
0.3
–
–
–
deg
TIME DOMAIN RESPONSE
rise and fall time
2V step
4.4
5.8
6.2
6.8
ns
settling time to 0.05%
2V step
15
25
40
60
ns
overshoot
2V step
15
20
22
22
%
slew rate
2V step
370
280
260
240
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
2Vpp, 1MHz
-86
–
–
–
dBc
2Vpp, 1MHz; RL = 1kΩ
-85
–
–
–
dBc
2Vpp, 5MHz
-68
-64
-61
-60
dBc
3rd harmonic distortion
2Vpp, 1MHz
-65
–
–
–
dBc
2Vpp, 1MHz; RL = 1kΩ
-74
–
–
–
dBc
2Vpp, 5MHz
-52
-48
-46
-46
dBc
equivalent input noise
voltage (eni)
>1MHz
3.0
3.7
4.0
4.0
nV/
√Hz
non-inverting current (ibn)
>1MHz
6.9
9
10
10
pA/
√Hz
inverting current (ibi)
>1MHz
8.5
11
12
12
pA/
√Hz
STATIC DC PERFORMANCE
input offset voltage
2
6
7
8
mV
average drift
8
–
20
20
µV/˚C
input bias current (non-inverting)
5
12
16
17
µA
average drift
40
–
70
70
nA/˚C
input bias current (inverting)
5
13
15
16
µA
average drift
20
–
45
45
nA/˚C
power supply rejection ratio
DC
56
51
49
49
dB
common-mode rejection ratio
DC
53
48
46
46
dB
supply current
RL= ∞
1.6
1.9
2.0
2.0
mA
MISCELLANEOUS PERFORMANCE
input resistance (non-inverting)
0.62
0.50
0.45
0.45
M
Ω
input capacitance (non-inverting)
1.2
1.8
1.8
1.8
pF
common-mode input range
±4.2
±4.1
±4.1
±4.0
V
output voltage range
RL = 100Ω
±3.8
±3.6
±3.6
±3.5
V
output voltage range
RL = ∞
±4.0
±3.8
±3.8
±3.7
V
output current
130
100
80
50
mA
B
output resistance, closed loop
DC
40
70
70
90
m
Ω
±5V Electrical Characteristics (A
v = +2, Rf = 1kΩ,RL = 100Ω,VCC = ±5V, unless specified)
Notes
B) The short circuit current can exceed the maximum safe
output current.
Ordering Information
Model
Temperature Range
Description
CLC450AJP
-40
°C to +85°C
8-pin PDIP
CLC450AJE
-40
°C to +85°C
8-pin SOIC
CLC450AJM5
-40
°C to +85°C
5-pin SOT
CLC450ALC
-40
°C to +85°C
dice
Package Thermal Resistance
Package
θθ
JC
θθ
JA
Plastic (AJP)
115
°C/W
125
°C/W
Surface Mount (AJE)
130
°C/W
150
°C/W
Surface Mount (AJM5)
140
°C/W
210
°C/W
Dice (ALC)
25
°C/W
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com