Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC450 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC450
Description  Single Supply, Low-Power, High Output, Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC450 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC450 Datasheet HTML 1Page - National Semiconductor (TI) CLC450 Datasheet HTML 2Page - National Semiconductor (TI) CLC450 Datasheet HTML 3Page - National Semiconductor (TI) CLC450 Datasheet HTML 4Page - National Semiconductor (TI) CLC450 Datasheet HTML 5Page - National Semiconductor (TI) CLC450 Datasheet HTML 6Page - National Semiconductor (TI) CLC450 Datasheet HTML 7Page - National Semiconductor (TI) CLC450 Datasheet HTML 8Page - National Semiconductor (TI) CLC450 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
s
100mA output current
s
1.5mA supply current
s
100MHz bandwidth (Av = +2)
s
-79/-75dBc HD2/HD3 (1MHz)
s
20ns settling to 0.05%
s
280V/
µs slew rate
s
Stable for capacitive loads up to 1000pf
s
Single 5V to ±5V supplies
s
Available in Tiny SOT23-5 package
Applications
s
Coaxial cable driver
s
Twisted pair driver
s
Transformer/Coil Driver
s
High capacitive load driver
s
Video line driver
s
Portable/battery-powered applications
s
A/D driver
VEE
+
-
CLC450
1k
Ω
0.1
µF
6.8
µF
Vo
Vin
+5V
3
2
4
7
6
+
1k
Ω
5k
Ω
5k
Ω
0.1
µF
10m of 75
Ω
Coaxial Cable
75
Ω
0.1
µF
75
Ω
0.1
µF
Typical Application
Single Supply Cable Driver
Pinout
DIP & SOIC
General Description
The CLC450 has a new output stage that delivers high output
drive current (100mA), but consumes minimal quiescent supply
current (1.5mA) from a single 5V supply. Its current feedback
architecture, fabricated in an advanced complementary bipolar
process, maintains consistent performance over a wide range of
gains and signal levels, and has a linear-phase response up to
one half of the -3dB frequency.
The CLC450 offers superior dynamic performance with a
100MHz small-signal bandwidth, 280V/
µs slew rate and 6.1ns
rise/fall times (2Vstep). The combination of low quiescent power,
high output current drive, and high-speed performance make
the CLC450 well suited for many battery-powered personal
communication/computing systems.
The ability to drive low-impedance, highly capacitive loads,
makes the CLC450 ideal for single ended cable applications. It
also drives low impedance loads with minimum distortion. The
CLC450 will drive a 100
Ω load with only -75/-64dBc second/third
harmonic distortion (Av = +2, Vout = 2Vpp, f = 1MHz). With a 25Ω
load, and the same conditions, it produces only -70/-60dBc sec-
ond/third harmonic distortion. It is also optimized for driving high
currents into single-ended transformers and coils.
When driving the input of high-resolution A/D converters, the
CLC450 provides excellent -79/-75dBc second/third harmonic
distortion (Av = +2, Vout = 2Vpp, f = 1MHz, RL = 1kΩ) and fast
settling time.
Available in SOT23-5, the CLC450 is ideal for applications where
space is critical.
Maximum Output Voltage vs. RL
RL (
Ω)
1
2
3
4
5
6
7
8
9
10
10
100
1000
Vs = +5V
VCC = ±5V
CLC450
Single Supply, Low-Power, High Output,
Current Feedback Amplifier
N
June 1999
Response After 10m of Cable
20ns/div
Vin = 10MHz, 0.5Vpp
Vinv
VCC
VEE
Vo
Vnon-inv
Pinout
SOT23-5
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC450

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC451 NSC-CLC451 Datasheet
252Kb / 12P
Single Supply, Low-Power, High Output, Programmable Buffer
CLC451AJ NSC-CLC451AJ Datasheet
252Kb / 12P
Single Supply, Low-Power, High Output, Programmable Buffer
CLC452 NSC-CLC452 Datasheet
191Kb / 12P
Single Supply, Low-Power, High Output, Current Feedback Amplifier
CLC452AJ NSC-CLC452AJ Datasheet
191Kb / 12P
Single Supply, Low-Power, High Output, Current Feedback Amplifier
CLC453 NSC-CLC453 Datasheet
330Kb / 12P
Comlinear CLC453 Single Supply, Low-Power, High Output, Programmable Buffer
More results

Similar Description - CLC450

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC452 NSC-CLC452 Datasheet
191Kb / 12P
Single Supply, Low-Power, High Output, Current Feedback Amplifier
logo
Linear Technology
LT1217 LINER-LT1217 Datasheet
239Kb / 8P
Low Power 10MHz Current Feedback Amplifier
logo
Burr-Brown (TI)
OPA2607 BURR-BROWN-OPA2607 Datasheet
174Kb / 11P
Dual, High Output, Current-Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
EL5462 INTERSIL-EL5462 Datasheet
416Kb / 9P
500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
New Japan Radio
NJM2743 NJRC-NJM2743 Datasheet
210Kb / 7P
Single-Supply High Output Current Single Operational Amplifier
logo
Linear Technology
LT1217 LINER-LT1217_15 Datasheet
221Kb / 8P
Low Power 10MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5462IS-T7 INTERSIL-EL5462IS-T7 Datasheet
419Kb / 9P
500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
Low-Power, Current Feedback OPERATIONAL AMPLIFIER
THS3491 TI1-THS3491 Datasheet
838Kb / 28P
900-MHz, High-Power Output, Current Feedback Amplifier
logo
Renesas Technology Corp
EL5462 RENESAS-EL5462 Datasheet
561Kb / 9P
500MHz Low Power Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com