Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC450 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC450
Description  Single Supply, Low-Power, High Output, Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC450 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC450 Datasheet HTML 1Page - National Semiconductor (TI) CLC450 Datasheet HTML 2Page - National Semiconductor (TI) CLC450 Datasheet HTML 3Page - National Semiconductor (TI) CLC450 Datasheet HTML 4Page - National Semiconductor (TI) CLC450 Datasheet HTML 5Page - National Semiconductor (TI) CLC450 Datasheet HTML 6Page - National Semiconductor (TI) CLC450 Datasheet HTML 7Page - National Semiconductor (TI) CLC450 Datasheet HTML 8Page - National Semiconductor (TI) CLC450 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
http://www.national.com
2
PARAMETERS
CONDITIONS
TYP
MIN/MAX RATINGS
UNITS
NOTES
Ambient Temperature
CLC450AJ
+25°C
+25°C
0 to 70°C
-40 to 85°C
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
Vo < 0.5Vpp
100
85
75
70
MHz
Vo < 2.0Vpp
75
60
55
50
MHz
-0.1dB bandwidth
Vo < 0.5Vpp
30
25
20
20
MHz
gain peaking
<200MHz, Vo = 0.5Vpp
0
0.5
0.9
1.0
dB
gain rolloff
<30MHz, Vo = 0.5Vpp
0.1
0.3
0.4
0.5
dB
linear phase deviation
<30MHz, Vo = 0.5Vpp
0.2
0.4
0.5
0.5
deg
TIME DOMAIN RESPONSE
rise and fall time
2V step
6.1
8.5
9.2
10.0
ns
settling time to 0.05%
1V step
20
30
50
80
ns
overshoot
2V step
16
20
22
22
%
slew rate
2V step
280
200
185
170
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
2Vpp, 1MHz
-75
–
–
–
dBc
2Vpp, 1MHz; RL = 1kΩ
-79
–
–
–
dBc
2Vpp, 5MHz
-62
-58
-57
-56
dBc
3rd harmonic distortion
2Vpp, 1MHz
-64
–
–
–
dBc
2Vpp, 1MHz; RL = 1kΩ
-75
–
–
–
dBc
2Vpp, 5MHz
-52
-48
-46
-46
dBc
equivalent input noise
voltage (eni)
>1MHz
3.0
3.7
4.0
4.0
nV/
√Hz
non-inverting current (ibn)
>1MHz
6.9
9
10
10
pA/
√Hz
inverting current (ibi)
>1MHz
8.5
11
12
12
pA/
√Hz
STATIC DC PERFORMANCE
input offset voltage
1
4
5
6
mV
A
average drift
7
–
15
15
µV/˚C
input bias current (non-inverting)
5
12
15
16
µAA
average drift
25
–
60
60
nA/˚C
input bias current (inverting)
3
10
12
13
µAA
average drift
10
–
20
20
nA/˚C
power supply rejection ratio
DC
54
50
48
48
dB
common-mode rejection ratio
DC
51
47
45
45
dB
supply current
RL= ∞
1.5
1.7
1.8
1.8
mA
A
MISCELLANEOUS PERFORMANCE
input resistance (non-inverting)
0.46
0.37
0.33
0.33
M
Ω
input capacitance (non-inverting)
1.5
2.3
2.3
2.3
pF
input voltage range, High
4.2
4.1
4.1
4.0
V
input voltage range, Low
0.8
0.9
0.9
1.0
V
output voltage range, High
RL = 100Ω
4.0
3.9
3.9
3.8
V
output voltage range, Low
RL = 100Ω
1.0
1.1
1.1
1.2
V
output voltage range, High
RL = ∞
4.1
4.0
4.0
3.9
V
output voltage range, Low
RL = ∞
0.9
1.0
1.0
1.1
V
output current
100
80
65
40
mA
B
output resistance, closed loop
DC
55
90
90
120
m
Ω
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
+5V Electrical Characteristics (A
v = +2, Rf = 1kΩ,RL = 100Ω,Vs = +5V
1,Vcm = VEE + (Vs/2), RL tied to Vcm, unless specified)
Absolute Maximum Ratings
supply voltage (VCC - VEE)
+14V
output current (see note C)
140mA
common-mode input voltage
VEE to VCC
maximum junction temperature
+150°C
storage temperature range
-65°C to +150°C
lead temperature (soldering 10 sec)
+300°C
ESD rating (human body model)
500V
Notes
A) J-level: spec is 100% tested at +25°C.
B) The short circuit current can exceed the maximum safe
output current.
1) Vs = VCC - VEE
Reliability Information
Transistor Count
49
MTBF (based on limited test data)
31Mhr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com