Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC450 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC450
Description  Single Supply, Low-Power, High Output, Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC450 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC450 Datasheet HTML 4Page - National Semiconductor (TI) CLC450 Datasheet HTML 5Page - National Semiconductor (TI) CLC450 Datasheet HTML 6Page - National Semiconductor (TI) CLC450 Datasheet HTML 7Page - National Semiconductor (TI) CLC450 Datasheet HTML 8Page - National Semiconductor (TI) CLC450 Datasheet HTML 9Page - National Semiconductor (TI) CLC450 Datasheet HTML 10Page - National Semiconductor (TI) CLC450 Datasheet HTML 11Page - National Semiconductor (TI) CLC450 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
http://www.national.com
10
s
Rt - Optional resistor for inverting gain configura-
tions (Select Rt to yield desired input impedance
= Rg || Rt)
s
C1, C2 - 0.1µF ceramic capacitors
s
C3, C4 - 6.8µF tantalum capacitors
Components not used:
s
C5, C6, C7, C8
s
R1 thru R8
The evaluation boards are designed to accommodate
dual supplies. The boards can be modified to provide
single supply operation.
For best performance; 1) do
not connect the unused supply, 2) ground the unused
supply pin.
SPICE Models
SPICE models provide a means to evaluate amplifier
designs. Free SPICE models are available for National’s
monolithic amplifiers that:
s
Support Berkeley SPICE 2G and its many derivatives
s
Reproduce typical DC, AC, Transient, and Noise
performance
s
Support room temperature simulations
The
readme file that accompanies the diskette lists
released models, and provides a list of modeled parame-
ters.
The application note OA-18, Simulation SPICE
Models for National’s Op Amps, contains schematics and
a reproduction of the readme file.
Single Supply Cable Driver
The typical application shown on the front page shows
the CLC450 driving 10m of 75
Ω coaxial cable. The
CLC450 is set for a gain of +2V/V to compensate for the
divide-by-two voltage drop at Vo.
Single Supply Lowpass Filter
Figures 9 and 10 illustrate a lowpass filter and design
equations. The circuit operates from a single supply of
+5V. The voltage divider biases the non-inverting input to
2.5V. And the input is AC coupled to prevent the need for
level shifting the input signal at the source.
Use the
design equations to determine R1, R2, C1, and C2 based
on the desired Q and corner frequency.
Figure 9: Lowpass Filter Topology
Figure 10: Design Equations
This example illustrates a lowpass filter with Q = 0.707
and corner frequency fc = 10MHz. A Q of 0.707 was cho-
sen to achieve a maximally flat, Butterworth response.
Figure 11 indicates the filter response.
Figure 11: Lowpass Response
Twisted Pair Driver
The high output current and low distortion, of the
CLC450, make it well suited for driving transformers.
Figure 12 illustrates a typical twisted pair driver utilizing
the CLC450 and a transformer. The transformer
provides the signal and its inversion for the twisted pair.
Figure 12: Twisted Pair Driver
To match the line’s characteristic impedance (Zo) set:
s
RL = Zo
s
Rm = Req
Application Circuits
+
-
Rf
1k
Ω
0.1
µF
C1
Vo
Vin
Rg
5k
Ω
4
7
6
0.1
µF
0.1
µF
5k
Ω
CLC450
3
2
+5V
0.1
µF
100
Ω
1.698k
Ω
R1
158
Ω
R2
158
Ω
C2
100pF
Gain
K
1
R
R
Corner frequency
1
RR C C
Q
1
RC
RC
RC
RC
(1 K)
RC
RC
For R
R
R and C
C
C
1
RC
Q
1
(3 K)
f
g
c
12 1 2
22
11
12
21
11
22
12
1
2
c
== +
==
=
++
−
==
=
=
=
=
−
ω
ω
Frequency (Hz)
-21
-15
-9
-3
3
1M
10M
100M
+
-
+
Vo
-
Rm
Rf
Rg
Vin
Rt
RL
Zo
UTP
IL
Req
I:n
V = Av Vin
CLC450
3
2
6
A1
R
R
v
f
g
=+
V
n
4
AV
v in
=
V
-n
4
AV
v in
=
V
1n
2
AV
ov in
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com