Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC450 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC450
Description  Single Supply, Low-Power, High Output, Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC450 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC450 Datasheet HTML 1Page - National Semiconductor (TI) CLC450 Datasheet HTML 2Page - National Semiconductor (TI) CLC450 Datasheet HTML 3Page - National Semiconductor (TI) CLC450 Datasheet HTML 4Page - National Semiconductor (TI) CLC450 Datasheet HTML 5Page - National Semiconductor (TI) CLC450 Datasheet HTML 6Page - National Semiconductor (TI) CLC450 Datasheet HTML 7Page - National Semiconductor (TI) CLC450 Datasheet HTML 8Page - National Semiconductor (TI) CLC450 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
http://www.national.com
4
+5V Typical Performance (A
v = +2, Rf = 1kΩ,RL = 100Ω,Vs = +5V
1,Vcm = VEE + (Vs/2), RL tied to Vcm, unless specified)
Non-Inverting Frequency Response
Frequency (Hz)
1M
10M
100M
-90
0
-180
-450
-270
-360
Gain
Phase
Vo = 1Vpp
Av = 2
Rf = 845Ω
Av = 1
Rf = 1.1kΩ
Av = 5
Rf = 845Ω
Av = 10
Rf = 845Ω
Inverting Frequency Response
Frequency (Hz)
1M
10M
100M
-270
-180
-360
-630
-450
-540
Gain
Phase
Vo = 1Vpp
Av = -2
Rf = 866Ω
Av = -1
Rf = 1.1kΩ
Av = -5
Rf = 825Ω
Av = -10
Rf = 787Ω
Frequency Response vs. RL
Frequency (Hz)
1M
10M
100M
-90
0
-180
-450
-270
-360
Gain
Phase
Vo = 1Vpp
RL = 25Ω
RL = 100Ω
RL = 1kΩ
Frequency Response vs. Vo
Frequency (Hz)
1M
10M
100M
Vo = 2Vpp
Vo = 0.1Vpp
Vo = 1Vpp
Vo = 2.5Vpp
Frequency Response vs. CL
Frequency (Hz)
1M
10M
100M
Vo = 1Vpp
CL = 10pF
Rs = 46.4Ω
CL = 100pF
Rs = 20Ω
CL = 1000pF
Rs = 6.7Ω
CL
1k
Rs
+
-
1k
1k
Open Loop Transimpedance Gain, Z(s)
Frequency (Hz)
1k
10k
100k
1M
10M
100M
Gain
0
45
90
135
180
225
40
60
80
100
120
140
Phase
Gain Flatness
Frequency (MHz)
10
20
30
Equivalent Input Noise
Frequency (Hz)
4
3.5
0.1k
1k
10k
100k
1M
10M
3
2.5
Non-Inverting Current 6.9pA/
√Hz
Inverting Current 8.5pA/
√Hz
Voltage 3.0nV/
√Hz
10
11
12
9
6
8
7
2nd & 3rd Harmonic Distortion
Frequency (Hz)
1M
10M
Vo = 2Vpp
-90
-80
-70
-60
-50
-40
2nd
RL = 1kΩ
2nd
RL = 100Ω
3rd
RL = 100Ω
3rd
RL = 1kΩ
2nd Harmonic Distortion, RL = 25
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-80
-70
-60
-50
-40
-30
2MHz
5MHz
10MHz
1MHz
3rd Harmonic Distortion, RL = 25
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-70
-60
-50
-40
-30
-20
2MHz
5MHz
10MHz
1MHz
2nd Harmonic Distortion, RL = 100
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-90
-80
-70
-60
-50
-40
2MHz
5MHz
10MHz
1MHz
3rd Harmonic Distortion, RL = 100
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-70
-60
-50
-40
-30
2MHz
5MHz
10MHz
1MHz
2nd Harmonic Distortion, RL = 1k
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.55
-90
-85
-80
-75
-70
-65
-60
-55
2MHz
5MHz
10MHz
1MHz
3rd Harmonic Distortion, RL = 1k
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-85
-80
-75
-70
-65
-60
-55
-50
2MHz
5MHz
10MHz
1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com