Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC450 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC450
Description  Single Supply, Low-Power, High Output, Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC450 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC450 Datasheet HTML 1Page - National Semiconductor (TI) CLC450 Datasheet HTML 2Page - National Semiconductor (TI) CLC450 Datasheet HTML 3Page - National Semiconductor (TI) CLC450 Datasheet HTML 4Page - National Semiconductor (TI) CLC450 Datasheet HTML 5Page - National Semiconductor (TI) CLC450 Datasheet HTML 6Page - National Semiconductor (TI) CLC450 Datasheet HTML 7Page - National Semiconductor (TI) CLC450 Datasheet HTML 8Page - National Semiconductor (TI) CLC450 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
http://www.national.com
+5V Typical Performance (A
v = +2, Rf = 1kΩ,RL = 100Ω,Vs = + 5V
1,Vcm = VEE + (Vs/2), RL tied to Vcm, unless specified)
Closed Loop Output Resistance
Frequency (Hz)
10k
100k
1M
10M
100M
0.01
0.1
1
10
100
Recommended Rs vs. CL
CL (pF)
10
100
1000
0
10
20
30
40
50
CL
1k
Rs
+
-
1k
1k
Large & Small Signal Pulse Response
Time (20ns/div)
Large Signal
Small Signal
PSRR & CMRR
Frequency (Hz)
1k
10k
100M
0
10
20
30
40
50
60
100k
1M
10M
PSRR
CMRR
IBI, IBN, Vos vs. Temperature
Temperature (
°C)
-100
-50
0
50
100
150
-1.1
1
-1
2
-0.9
3
-0.8
4
-0.7
5
-0.6
6
IBN
IBI
Vos
Maximum Output Voltage vs. RL
RL (
Ω)
10
100
1000
1
1.5
2
2.5
3
3.5
4
4.5
5
±5V Typical Performance (A
v = +2, Rf = 1kΩ,RL = 100Ω,VCC = ± 5V, unless specified)
Non-Inverting Frequency Response
Frequency (Hz)
1M
10M
100M
-90
0
-180
-450
-270
-360
Gain
Phase
Vo = 1Vpp
Av = +1
Rf = 1.3kΩ
Av = +2
Rf = 845Ω
Av = +5
Rf = 825Ω
Av = +10
Rf = 845Ω
Inverting Frequency Response
Frequency (Hz)
1M
10M
100M
-270
-180
-360
-630
-450
-540
Gain
Phase
Vo = 1Vpp
Av = -1
Rf = 866Ω
Av = -2
Rf = 825Ω
Av = -5
Rf = 825Ω
Av = -10
Rf = 787Ω
Frequency Response vs. RL
Frequency (Hz)
1M
10M
100M
-90
0
-180
-450
-270
-360
Gain
Phase
Vo = 1Vpp
RL = 25Ω
RL = 100Ω
RL = 1kΩ
Frequency Response vs. Vo
Frequency (Hz)
1M
10M
100M
Vo = 2Vpp
Vo = 0.1Vpp
Vo = 1Vpp
Vo = 5Vpp
Frequency Response vs. CL
Frequency (Hz)
1M
10M
100M
Vo = 1Vpp
CL = 10pF
Rs = 68.1Ω
CL = 100pF
Rs = 17.4Ω
CL = 1000pF
Rs = 6.7Ω
CL
1k
Rs
+
-
1k
1k
Gain Flatness
Frequency (MHz)
10
20
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com