Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C64113-PVC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C64113-PVC
Description  Full-Speed USB (12 Mbps) Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113-PVC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C64113-PVC Datasheet HTML 1Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 2Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 3Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 4Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 5Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 6Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 7Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 8Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
CY7C64013
CY7C64113
Document #: 38-08001 Rev. **
Page 5 of 48
1.0
Features
• Full-speed USB Microcontroller
• 8-bit USB Optimized Microcontroller
— Harvard architecture
— 6-MHz external clock source
— 12-MHz internal CPU clock
— 48-MHz internal clock
• Internal memory
— 256 bytes of RAM
— 8 KB of PROM (CY7C64013, CY7C64113)
• Integrated Master/Slave I2C Compatible Controller (100 kHz) enabled through General-Purpose I/O (GPIO) pins
• Hardware Assisted Parallel Interface (HAPI) for data transfer to external devices
• I/O ports
— Three GPIO ports (Port 0 to 2) capable of sinking 7 mA per pin (typical)
— An additional GPIO port (Port 3) capable of sinking 12 mA per pin (typical) for high current requirements: LEDs
— Higher current drive achievable by connecting multiple GPIO pins together to drive a common output
— Each GPIO port can be configured as inputs with internal pull-ups or open drain outputs or traditional CMOS outputs
— A Digital to Analog Conversion (DAC) port with programmable current sink outputs is available on the CY7C64113
devices
— Maskable interrupts on all I/O pins
• 12-bit free-running timer with one microsecond clock ticks
• Watch Dog Timer (WDT)
• Internal Power-On Reset (POR)
• USB Specification Compliance
— Conforms to USB Specification, Version 1.1
— Conforms to USB HID Specification, Version 1.1
— Supports up to five user configured endpoints
Up to four 8-byte data endpoints
Up to two 32-byte data endpoints
— Integrated USB transceivers
• Improved output drivers to reduce EMI
• Operating voltage from 4.0V to 5.5V DC
• Operating temperature from 0 to 70 degrees Celsius
— CY7C64013 available in 28-pin SOIC and 28-pin PDIP packages
— CY7C64113 available in 48-pin SSOP packages
• Industry-standard programmer support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com