Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C64113-PVC Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CY7C64113-PVC
Description  Full-Speed USB (12 Mbps) Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113-PVC Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CY7C64113-PVC Datasheet HTML 24Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 25Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 26Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 27Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 28Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 29Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 30Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 31Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
CY7C64013
CY7C64113
Document #: 38-08001 Rev. **
Page 28 of 48
A pending address can be read from the Interrupt Vector Register (Figure 16-4). The value read from this register is only valid if
the Global Interrupt bit has been disabled, by executing the DI instruction or in an Interrupt Service Routine before interrupts have
been re-enabled. The value read from this register is the interrupt vector address; for example, a 0x06 indicates the 1 ms timer
interrupt is the highest priority pending interrupt.
16.2
Interrupt Latency
Interrupt latency can be calculated from the following equation:
Interrupt latency =
(Number of clock cycles remaining in the current instruction) + (10 clock cycles for the CALL instruction) +
(5 clock cycles for the JMP instruction)
For example, if a 5 clock cycle instruction such as JC is being executed when an interrupt occurs, the first instruction of the
Interrupt Service Routine executes a minimum of 16 clocks (1+10+5) or a maximum of 20 clocks (5+10+5) after the interrupt is
issued. For a 12-MHz internal clock (6-MHz crystal), 20 clock periods is 20 / 12 MHz = 1.667
µs.
16.3
USB Bus Reset Interrupt
The USB Controller recognizes a USB Reset when a Single Ended Zero (SE0) condition persists on the upstream USB port for
12–16
µs (the Reset may be recognized for an SE0 as short as 12 µs, but is always recognized for an SE0 longer than 16 µs).
SE0 is defined as the condition in which both the D+ line and the D– line are LOW. Bit 5 of the Status and Control Register is set
to record this event. The interrupt is asserted at the end of the Bus Reset. If the USB reset occurs during the start-up delay
following a POR, the delay is aborted as described in Section 7.1. The USB Bus Reset Interrupt is generated when the SE0 state
is deasserted.
A USB Bus Reset clears the following registers:
SIE Section:USB Device Address Registers (0x10, 0x40)
Table 16-1. Interrupt Vector Assignments
Interrupt Vector Number
ROM Address
Function
Not Applicable
0x0000
Execution after Reset begins here
1
0x0002
USB Bus Reset interrupt
2
0x0004
128-
µs timer interrupt
3
0x0006
1.024-ms timer interrupt
4
0x0008
USB Address A Endpoint 0 interrupt
5
0x000A
USB Address A Endpoint 1 interrupt
6
0x000C
USB Address A Endpoint 2 interrupt
7
0x000E
USB Address A Endpoint 3 interrupt
8
0x0010
USB Address A Endpoint 4 interrupt
9
0x0012
Reserved
10
0x0014
DAC interrupt
11
0x0016
GPIO / HAPI interrupt
12
0x0018
I2C interrupt
7
6
5
4
3
2
1
0
R
R
R
R
R
Reserved
Reserved
Reserved
Interrupt
Vector Bit 4
Interrupt
Vector Bit 3
Interrupt
Vector Bit 2
Interrupt
Vector Bit 1
Reads ‘0’
Figure 16-4. Interrupt Vector Register 0x23 (read only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com