Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C64113-PVC Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CY7C64113-PVC
Description  Full-Speed USB (12 Mbps) Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113-PVC Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CY7C64113-PVC Datasheet HTML 18Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 19Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 20Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 21Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 22Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 23Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 24Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 25Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
CY7C64013
CY7C64113
Document #: 38-08001 Rev. **
Page 22 of 48
12.0
I2C and HAPI Configuration Register
Internal hardware supports communication with external devices through two interfaces: a two-wire I2C compatible interface, and
a HAPI for 1, 2, or 3 byte transfers. The I2C compatible interface and HAPI functions, discussed in detail in Sections 13.0 and
14.0, share a common configuration register (see Figure 12-1). All bits of this register are cleared on reset.
Bits [7,1:0] of the HAPI/I2C Configuration Register control the pin out configuration of the HAPI and I2C compatible interfaces.
Bits [5:2] are used in HAPI mode only, and are described in Section 14.0. Table 12-1 shows the HAPI port configurations, and
Table 12-2 shows I2C pin location configuration options. These I2C compatible options exist due to pin limitations in certain
packages, and to allow simultaneous HAPI and I2C compatible operation.
HAPI operation is enabled whenever either HAPI Port Width Bit (Bit 1 or 0) is non-zero. This affects GPIO operation as described
in Section 14.0. I2C compatible blocks must be separately enabled as described in Section 13.0.
Figure 11-3. Timer Block Diagram
7
6
5
4
3
2
1
0
R/W
R/W
R/W
R
R
R/W
R/W
I2C Position
Reserved
LEMPTY
Polarity
DRDY
Polarity
Latch Empty
Data Ready
HAPI Port
Width Bit 1
HAPI Port
Width Bit 0
Figure 12-1. HAPI/I2C Configuration Register 0x09 (read/write)
Table 12-1. HAPI Port Configuration
Port Width
Bits[1:0]
HAPI Port Width
11
24 Bits: P3[7:0], P1[7:0], P0[7:0]
10
16 Bits: P1[7:0], P0[7:0]
01
8 Bits: P0[7:0]
00
No HAPI Interface
Table 12-2. I2C Port Configuration
I2C Position
Bit[7]
Port Width
Bit[1]
I2C Position
X1
I2C on P2[1:0], 0:SCL, 1:SDA
00
I2C on P1[1:0], 0:SCL, 1:SDA
10
I2C on P2[1:0], 0:SCL, 1:SDA
10
9
7
85
64
3
2
1-MHz Clock
1.024-ms Interrupt
128-
µs Interrupt
To Timer Register
8
1
0
11
L1
L0
L2
L3
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com