Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C64113-PVC Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # CY7C64113-PVC
Description  Full-Speed USB (12 Mbps) Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113-PVC Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button CY7C64113-PVC Datasheet HTML 28Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 29Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 30Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 31Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 32Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 33Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 34Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 35Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
CY7C64013
CY7C64113
Document #: 38-08001 Rev. **
Page 32 of 48
18.0
USB Serial Interface Engine Operation
USB Device Address A includes up to five endpoints: EPA0, EPA1, EPA2, EPA3, and EPA4. Endpoint (EPA0) allows the USB
host to recognize, set-up, and control the device. In particular, EPA0 is used to receive and transmit control (including set-up)
packets.
18.1
USB Device Address
The USB Controller provides one USB Device Address with five endpoints. The USB Device Address Register contents are
cleared during a reset, setting the USB device address to zero and marking this address as disabled. Figure 18-1 shows the
format of the USB Address Registers.
Bit 7 (Device Address Enable) in the USB Device Address Register must be set by firmware before the SIE can respond to USB
traffic to this address. The Device Addresses in bits [6:0] are set by firmware during the USB enumeration process to the non-zero
address assigned by the USB host.
18.2
USB Device Endpoints
The CY7C64x13 controller supports one USB device address and five endpoints for communication with the host. The configu-
ration of these endpoints, and associated FIFOs, is controlled by bits [7,6] of the USB Status and Control Register (0x1F). Bit 7
controls the size of the endpoints and bit 6 controls the number of endpoints. These configuration options are detailed in Table
18-1. The “unused” FIFO areas in the following table can be used by the firmware as additional user RAM space.
When the SIE writes data to a FIFO, the internal data bus is driven by the SIE; not the CPU. This causes a short delay in the
CPU operation. The delay is three clock cycles per byte. For example, an 8-byte data write by the SIE to the FIFO generates a
delay of 2
µs (3 cycles/byte * 83.33 ns/cycle * 8 bytes).
18.3
USB Control Endpoint Mode Register
All USB devices are required to have a Control Endpoint 0 (EPA0) that is used to initialize and control each USB address. Endpoint
0 provides access to the device configuration information and allows generic USB status and control accesses. Endpoint 0 is
bidirectional to both receive and transmit data. The other endpoints are unidirectional, but selectable by the user as IN or OUT
endpoints.
The endpoint mode register is cleared during reset. The endpoint zero EPA0 mode register uses the format shown in Figure 18-2.
7
6
5
4
3
2
1
0
Device
Address
Enable
Device
Address
Bit 6
Device
Address
Bit 5
Device
Address
Bit 4
Device
Address
Bit 3
Device
Address
Bit 2
Device
Address
Bit 1
Device
Address
Bit 0
Figure 18-1. USB Device Address Register 0x10 (read/write)
Table 18-1. Memory Allocation for Endpoints
I/Ostatus
[7,6]
[0,0]
[1,0]
[0,1]
[1,1]
Label
Start
Address
Size
Label
Start
Address
Size
Label
Start
Address
Size
Label
Start
Address
Size
unused
0xD8
8
unused
0xA8
8
EPA4
0xD8
8
EPA4
0xB0
8
unused
0xE0
8
unused
0xB0
8
EPA3
0xE0
8
EPA3
0xA8
8
EPA2
0xE8
8
EPA0
0xB8
8
EPA2
0xE8
8
EPA0
0xB8
8
EPA1
0xF0
8
EPA1
0xC0
32
EPA1
0xF0
8
EPA1
0xC0
32
EPA0
0xF8
8
EPA2
0xE0
32
EPA0
0xF8
8
EPA2
0xE0
32
7
6
5
4
3
2
1
0
Endpoint 0
SETUP
Received
Endpoint 0
IN
Received
Endpoint 0
OUT
Received
ACK
Mode
Bit 3
Mode
Bit 2
Mode
Bit 1
Mode
Bit 0
Figure 18-2. USB Device Endpoint Zero Mode Register 0x12 (read/write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com