Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C64113-PVC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C64113-PVC
Description  Full-Speed USB (12 Mbps) Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113-PVC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C64113-PVC Datasheet HTML 6Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 7Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 8Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 9Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 10Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 11Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 12Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 13Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
CY7C64013
CY7C64113
Document #: 38-08001 Rev. **
Page 10 of 48
GPIO Configuration
0x08
R/W
GPIO Port Configurations
19
HAPI and I2C Configuration
0x09
R/W
HAPI Width and I2C Position Configuration
22
USB Device Address A
0x10
R/W
USB Device Address A
32
EP A0 Counter Register
0x11
R/W
USB Address A, Endpoint 0 Counter
33
EP A0 Mode Register
0x12
R/W
USB Address A, Endpoint 0 Configuration
32
EP A1 Counter Register
0x13
R/W
USB Address A, Endpoint 1 Counter
33
EP A1 Mode Register
0x14
R/W
USB Address A, Endpoint 1 Configuration
33
EP A2 Counter Register
0x15
R/W
USB Address A, Endpoint 2 Counter
33
EP A2 Mode Register
0x16
R/W
USB Address A, Endpoint 2 Configuration
33
USB Status & Control
0x1F
R/W
USB Upstream Port Traffic Status and Control
31
Global Interrupt Enable
0x20
R/W
Global Interrupt Enable
26
Endpoint Interrupt Enable
0x21
R/W
USB Endpoint Interrupt Enables
26
Interrupt Vector
0x23
R
Pending Interrupt Vector Read / Clear
28
Timer (LSB)
0x24
R
Lower 8 Bits of Free-running Timer (1 MHz)
21
Timer (MSB)
0x25
R
Upper 4 Bits of Free-running Timer
21
WDT Clear
0x26
W
Watch Dog Timer Clear
16
I2C Control & Status
0x28
R/W
I2C Status and Control
23
I2C Data
0x29
R/W
I2C Data
23
DAC Data
0x30
R/W
DAC Data
20
DAC Interrupt Enable
0x31
W
Interrupt Enable for each DAC Pin
21
DAC Interrupt Polarity
0x32
W
Interrupt Polarity for each DAC Pin
21
DAC Isink
0x38-0x3F
W
Input Sink Current Control for each DAC Pin
20
Reserved
0x40
Reserved
EP A3 Counter Register
0x41
R/W
USB Address A, Endpoint 3 Counter
33
EP A3 Mode Register
0x42
R/W
USB Address A, Endpoint 3 Configuration
32
EP A4 Counter Register
0x43
R/W
USB Address A, Endpoint 4 Counter
33
EP A4 Mode Register
0x44
R/W
USB Address A, Endpoint 4 Configuration
33
Reserved
0x48
Reserved
Reserved
0x49
Reserved
Reserved
0x4A
Reserved
Reserved
0x4B
Reserved
Reserved
0x4C
Reserved
Reserved
0x4D
Reserved
Reserved
0x4E
Reserved
Reserved
0x4F
Reserved
Reserved
0x50
Reserved
Reserved
0x51
Reserved
Processor Status & Control
0xFF
R/W
Microprocessor Status and Control Register
25
Table 4-2. I/O Register Summary (continued)
Register Name
I/O Address
Read/Write
Function
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com