Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C64113-PVC Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C64113-PVC
Description  Full-Speed USB (12 Mbps) Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113-PVC Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C64113-PVC Datasheet HTML 9Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 10Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 11Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 12Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 13Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 14Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 15Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 16Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
CY7C64013
CY7C64113
Document #: 38-08001 Rev. **
Page 13 of 48
5.1.1
Program Memory Organization
5.2
8-Bit Accumulator (A)
The accumulator is the general-purpose register for the microcontroller.
5.3
8-Bit Temporary Register (X)
The “X” register is available to the firmware for temporary storage of intermediate results. The microcontroller can perform indexed
operations based on the value in X. Refer to Section 5.6.3 for additional information.
after reset
Address
14-bit PC
0x0000
Program execution begins here after a reset
0x0002
USB Bus Reset interrupt vector
0x0004
128-
µs timer interrupt vector
0x0006
1.024-ms timer interrupt vector
0x0008
USB address A endpoint 0 interrupt vector
0x000A
USB address A endpoint 1 interrupt vector
0x000C
USB address A endpoint 2 interrupt vector
0x000E
USB address A endpoint 3 interrupt vector
0x0010
USB address A endpoint 4 interrupt vector
0x0012
Reserved
0x0014
DAC interrupt vector
0x0016
GPIO interrupt vector
0x0018
I2C interrupt vector
0x001A
Program Memory begins here
0x1FDF
8 KB (-32) PROM ends here (CY7C64013, CY7C64113)
Figure 5-1. Program Memory Space with Interrupt Vector Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com