Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM621 Datasheet(PDF) 12 Page - Silicon Touch Technology Inc.

Part # DM621
Description  4 x 3(R/G/B) Output Channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM621 Datasheet(HTML) 12 Page - Silicon Touch Technology Inc.

Back Button DM621 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 16Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12-Channels Pre-programmable Constant Current LED Driver
Version:A.006
Page 11
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM621
Command/Data Switching and Auto-latch Function
Figure 9(a). The Command/Data Method
Figure 9(b). The Auto-latch Method
DM621 combines the signals of DCK and SIN to realize the Command/Data switching
and Auto-latch function. When the area that DCK keeps at high level includes two
positive edges of SIN, DM621 would switch automatically to the command data mode,
illustrated in Figure 9(a). At this time, 8-bits command data could be transmitted to set
the operating condition adequate for different applications. After command data
transmission is accomplished, a latch signal would have to be executed by Auto-latch
function. And this chip would latch command data into internal registers and return to the
grayscale data mode as a latch instruction is executed.
The Auto-latch function is
realized by this method that the area that DCK keeps at high level includes only one
positive edge of SIN, illustrated in Figure 9(b). Note that the latch signal of command
data and grayscale data could be completed according to the same Auto-latch process.
Both Command/Data switching and Auto-latch process would produce signals to control
synchronously every serial DM621s. Therefore, each serial DM621 would enter the
command mode and execute a latch instruction simultaneously.
And DM621 also
supports the internal synchronous clock for grayscale display. These characteristics
would make great grayscale display possible.
In this specific design, the smallest
limitation of tCMD, the time from the positive edge of DCK to the first positive edge of SIN,
is 20ns in order to promise the correct command and grayscale data could be received.
Note that command data have to be transmitted to pre-programmed DM621s when the
system is restarted because there are no EEPROM in this chip to save the command data
and the grayscale data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com