Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM621 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM621
Description  4 x 3(R/G/B) Output Channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM621 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM621 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
12-Channels Pre-programmable Constant Current LED Driver
Version:A.007
Page 1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM621
DM621
12-CHANNELS PRE-PROGRAMMABLE
CONSTANT CURRENT LED DRIVER
General Description
The DM621 is an innovative LED driver that integrates a new data transmit interface to
accomplish 2-wires control for lighting applications. By the combination of SIN and
DCK, DM621 could be pre-programmed to set the operating modes that involve GCK
frequency division, PWM grayscale selection, inverse IOUT PWM signal, and GCK
frequency selection. DM621 also provides the auto-latch function and incorporates a
particular PWM method (AS-PWM). The IOUT waveform is averagely divided into 16
sections in order to reduce the flickers and enhance the visual refresh rate. The DM621
could also be constructed as a PWM controller for LED drivers. In this case, resistors
must be connected at output pins to achieve this function (Fig.18).
This chip incorporates 4x3-channel constant current circuitry with current value set by
3 external resistors and 256/1024/4096/16384 gray scale PWM function unit. Each
channel provides a maximum current of 90mA. The maximum output sustaining voltage
of 28V would make more serial LEDs possible. And DM621 also integrates an internal
regulator to make power supply voltage up to 12V. Meanwhile, retiming of DCKO and
SOUT is advantageous in the LED decorating and long-cascade applications.
Features
4 x 3(R/G/B) Output Channels
8/10/12/14-bits PWM grayscale Control
Maximum Clock Frequency: 20MHz
Constant Current Output: 5mA to 90mA
Maximum Output Sustaining voltage: 28V
Power Supply Voltage: 5V to 12V
Average Separated IOUT PWM Waveform
Auto-latch
Function
Retiming of DCKO and SOUT
for long cascade applications
Serial Shift-In Architecture for Data of Grayscale, frequency Division and PWM bit number
Incorporating internal GCK oscillator 12MHz (Refresh rate = 46.8KHz @ 8-bits PWM)
Package: TSSOP24 (with thermal pad), QFN20 (with thermal pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com