Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM621 Datasheet(PDF) 14 Page - Silicon Touch Technology Inc.

Part # DM621
Description  4 x 3(R/G/B) Output Channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM621 Datasheet(HTML) 14 Page - Silicon Touch Technology Inc.

Back Button DM621 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 17Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 18Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
12-Channels Pre-programmable Constant Current LED Driver
Version:A.006
Page 13
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM621
When there is two positive edges of SIN at DCK=”H”, DM621 produces CMD signal to
switch to command data mode. Then users have to input 8bits command data to set the
DM621 operating conditions described above. DM621 will latch command data into
internal registers by incorporating one positive edge of SIN at DCK=”H”. Meanwhile, the
CMD signal will return to zero.
Grayscale Data:
Figure 11. The timing diagram of grayscale data
According to the operating condition set at command mode, DM621 receives the 8bits/
10bits/12bits/14bits PWM grayscale data. DM621 will latch grayscale data by
incorporating one positive edges of SIN at DCK=”H”. Figure 11 is an illustration of 10-bits
PWM grayscale data when the command data PWM [1:0]=2’b01.
Complete Data Transference:
Figure 12. Detailed timing diagram of data transference
This is an illustration of the complete data transference of DM621. The command data
sets the condition is 10-bits PWM mode, no GCK frequency division, no inverse PWM
signal and the internal oscillator is utilized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com