Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM621 Datasheet(PDF) 17 Page - Silicon Touch Technology Inc.

Part # DM621
Description  4 x 3(R/G/B) Output Channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM621 Datasheet(HTML) 17 Page - Silicon Touch Technology Inc.

Back Button DM621 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 17Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 18Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 19Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 20Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 21Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
12-Channels Pre-programmable Constant Current LED Driver
Version:A.006
Page 16
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM621
Power Dissipation
The power dissipation of a semiconductor chip is limited to its package and ambient
temperature, in which the device requires the maximum output current calculated for given
operating conditions. The maximum allowable power consumption can be calculated by the
following equation:
Pd(max)(Watt) =
Tj(junction temperature)(max)(°C)– Ta(ambient temperature)(°C)
Rth(junction-to-air thermal resistance)(°C/Watt)
The relationship between power dissipation and operating temperature can refer to the figure
below:
0
0.5
1
1.5
2
2.5
3
3.5
4
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta(℃)
Based on the Pd (max), the maximum allowable voltage of output terminal can be determined by
the following equation:
Pd(max)(W)– VCC(V) × IDD(A)
VoutR × IoutR × DutyR + VoutG × IoutG × DutyG + VoutB × IoutB × DutyB <
Tj(max)=150
°C
Rth(QFN20)=40.21
°C/Watt
Rth(TSSOP24)=45
°C/Watt
QFN20
TSSOP24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com