Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM621 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # DM621
Description  4 x 3(R/G/B) Output Channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM621 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button DM621 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
12-Channels Pre-programmable Constant Current LED Driver
Version:A.006
Page 6
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM621
Electrical Characteristics (VDD = 12 V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage “H” Level
VIH
⎯
3
⎯
5
Input Voltage “L” Level
VIL
⎯
0
⎯
1
V
Output Leakage Current
IOL
VOUT = 28 V
⎯
⎯
1.0
uA
Output Current Skew
(Bit-Bit)
Δ
Iout
VOUT = 1V
REXT=5 KΩ
⎯
⎯
±
4
%
Output Current Skew
(Chip-Chip)
Δ
Iout
VOUT = 1V
REXT=5 KΩ
⎯
⎯
±
6
%
Output Voltage Regulation
I
Vout = 1.2V ~ 5.0V
(% / Vout)
REXT=5 KΩ
⎯
0.1
0.5
% / V
Supply Voltage Regulation
% / VREF
VDD = 5V ~12V
⎯
0.5
1
% / V
Internal Oscillator Frequency
fosc
VDD = 5V ~12V
9.8
12.3
14.75
MHz
REXT = OPEN, all outputs off
⎯
1.9
⎯
Supply Current “OFF”
Idd (off)
REXT = 2KΩ (Iout=60mA),
all outputs off
⎯
17
⎯
Supply Current “ON”
Idd (on)
REXT = 2KΩ (Iout=60mA),
all outputs on
⎯
17
⎯
mA
Switching Characteristics (Ta = 25 °C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
SOUT Propagation Delay
(“L” to “H”)
tPLH(sout)
10
25
40
ns
SOUT Propagation Delay
(“H” to “L”)
DCK to SOUT
tPHL(sout)
5
20
35
ns
DCKO Propagation Delay
(“L” to “H”)
tPLH(DCKO)
4
8
12
ns
DCKO Propagation Delay
(“H” to “L”)
DCK to DCKO
tPHL(DCKO)
5
10
15
ns
Output Current Rise Time
tor
18
25
32
ns
Output Current Fall Time
tof
8
15
22
ns
DCKO to SOUT Delay Time
tout
12
⎯
⎯
ns
SIN Setup Time
tsetup
3
⎯
⎯
ns
SIN Hold Time
thold
8
⎯
⎯
ns
Command Delay Time
tCMD
12
20
⎯
ns
SIN to SOUT Rise Delay Time (CMD Method)
tsdr
6
9
12
ns
SIN to SOUT Fall Delay Time (CMD Method)
tsdf
VDD=5V
VIH=3V
VIL=GND
Rext=5KΩ
VLED=5V
RL=62
Ω
CL=8pF
5
8
11
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com