Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM621 Datasheet(PDF) 13 Page - Silicon Touch Technology Inc.

Part # DM621
Description  4 x 3(R/G/B) Output Channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM621 Datasheet(HTML) 13 Page - Silicon Touch Technology Inc.

Back Button DM621 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 17Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
12-Channels Pre-programmable Constant Current LED Driver
Version:A.006
Page 12
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM621
Command Data
COMMAND
FUNCTION
PWM [1:0]
8/10/12/14-bits PWM mode selection
PWM [1:0] = 2’b00: 8-bits PWM count
PWM [1:0] = 2’b01: 10-bits PWM count
PWM [1:0] = 2’b10: 12-bits PWM count
PWM [1:0] = 2’b11: 14-bits PWM count
FREQ [1:0]
GCK frequency division selection
FREQ [1:0] = 2’b00: GCK=CLK
FREQ [1:0] = 2’b01: GCK=CLK/2
FREQ [1:0] = 2’b10: GCK=CLK/4
FREQ [1:0] = 2’b11: GCK=CLK/8
OSC
GCK source selection
OSC =1’b0: Internal oscillator (12MHz)
OSC =1’b1: External DCK signal
POLAR
Inverse PWM data selection
POLAR =1’b0: Normal PWM signal
POLAR =1’b1: Inverse PWM signal
DEC [1:0]
Command Data Error Code (avoid interference)
DEC [1:0] =2’b11: Command data is enable
DEC [1:0] =others: Command data is disable
Timing Diagram
By the combination of DCK and SIN data, DM621 could produce the internal CMD and
LATCH signal to control the system automatically.
(*Note: CMD and LATCH are both the internal control signals)
(**Note: CMD=”1”
command data mode, CMD=”0”
grayscale data mode)
Command Data:
Figure 10. The timing diagram of command data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com